Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ACPZF16 Datasheet(PDF) 91 Page - Analog Devices

Part # ADE7566ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ACPZF16 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE7566ACPZF16 Datasheet HTML 87Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 88Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 89Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 90Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 91Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 92Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 93Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 94Page - Analog Devices ADE7566ACPZF16 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 91 of 144
INTERRUPT FLAGS
The interrupt flags and status flags associated with the interrupt vectors are shown in Table 72 and Table 73. Most of the interrupts have
flags associated with them.
Table 72. Interrupt Flags
Interrupt Source
Flag
Bit Address
Description
IE0
TCON.1
IE0
External Interrupt 0.
TF0
TCON.5
TF0
Timer 0.
IE1
TCON.3
IE1
External Interrupt 1.
TF1
TCON.7
TF1
Timer 1.
SCON.1
TI
Transmit Interrupt.
RI + TI
SCON.0
RI
Receive Interrupt.
T2CON.7
TF2
Timer 2 Overflow Flag.
TF2 + EXF2
T2CON.6
EXF2
Timer 2 External Flag.
ITEMP (Temperature ADC)
Temperature ADC Interrupt. Does not have an interrupt flag associated with it.
IPSM (Power Supply)
IPSMF.6
FPSM
PSM Interrupt Flag.
IADE (Energy Measurement DSP)
MIRQSTL.7
Read MIRQSTH, MIRQSTM, MIRQSTL.
Table 73. Status Flags
Interrupt Source
Flag
Bit Address
Description
ITEMP (Temperature ADC)
Temperature ADC Interrupt. Does not have a status flag associated with it.
SPI2CSTAT
SPI Interrupt Status Register.
ISPI/I2CI
SPI2CSTAT
I2C Interrupt Status Register.
TIMECON.7
RTC Midnight Flag.
IRTC (RTC Interval Timer)
TIMECON.2
RTC Alarm Flag.
WDT (Watchdog Timer)
WDCON.2
WDS
Watchdog Timeout Flag.
A functional block diagram of the interrupt system is shown in
Figure 88. Note that the PSM interrupt is the only interrupt in
the highest priority level.
If an external wake-up event occurs to wake the ADE7566/
ADE7569/ADE7166/ADE7169 from PSM2, a pending external
interrupt is generated. When the EX0 or EX1 bit in the Interrupt
Enable SFR (IE, 0xA8) is set to enable external interrupts, the
program counter is loaded with the IE0 or IE1 interrupt vector.
The IE0 and IE1 interrupt flags in the TCON register are not
affected by events that occur when the 8052 MCU core is shut
down during PSM2. See the Power Supply Monitor Interrupt
(PSM) section.
The RTC, temperature ADC, and I2C/SPI interrupts are latched
such that pending interrupts cannot be cleared without entering
their respective interrupt service routines. Clearing the RTC
midnight flags and alarm flags does not clear a pending RTC
interrupt. Similarly, clearing the I2C/SPI status bits in the SPI
Interrupt Status SFR (SPISTAT, 0xEA) does not cancel a
pending I2C/SPI interrupt. These interrupts remain pending
until the RTC or I2C/SPI interrupt vectors are enabled. Their
respective interrupt service routines are entered shortly
thereafter.
Figure 88 shows how the interrupts are cleared when the
interrupt service routines are entered. Some interrupts with
multiple interrupt sources are not automatically cleared;
specifically, the PSM, ADE, UART, and Timer 2 interrupt
vectors. Note that the INT0 and INT1 interrupts are only
cleared if the external interrupt is configured to be triggered by
a falling edge by setting IT0 in the Timer/Counter 0 and
Timer/Counter 1 Control SFR (TCON, 0x88). If INT0 or INT1
is configured to interrupt on a low level, the interrupt service
routine is reentered until the respective pin goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com