Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4943 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4943
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4943 Datasheet(HTML) 1 Page - STMicroelectronics

  L4943 Datasheet HTML 1Page - STMicroelectronics L4943 Datasheet HTML 2Page - STMicroelectronics L4943 Datasheet HTML 3Page - STMicroelectronics L4943 Datasheet HTML 4Page - STMicroelectronics L4943 Datasheet HTML 5Page - STMicroelectronics L4943 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3 PROGRAMMABLE OUTPUTS:
♦ 3 TO 11V (500mA);
♦ 3 TO 11V (500mA);
♦ 3 TO 7V (500mA) STANDBY
OUT1 AND OUT2 WITH INDEPENDENT EN-
ABLE CONTROL FOR STAND-BY MODE
0.4A HIGH SIDE DRIVER
LOAD DUMP PROTECTION
THERMAL SHUTDOWN
DESCRIPTION
The L4943 contains a triple voltage regulator and
a high side driver.
In stand-by the output is active as long as possi-
ble even when in thermal shutdown or under any
other fault conditions.
The STCAP pin allows the use of a reserve sup-
ply capacitor that will hold enough energy for the
5V Stand-by line to allow the
µP to store data.
December 2000
®
D97AU668B
GEN
REF
VMEM
(3÷7)V 0.5A
VADJ1
(3÷11)V 0.5A
VADJ2
(3÷11)V 0.5A
HSD
LOAD
DUMP
VMEM
VMEM_feed
VADJ1
VADJ1_feed
VADJ2
VADJ2_feed
4
ST CAP
EN1
EN2
VS
P-GND
S-GND
TAB
FILTER CAP
14
HSD
9
13
7
10
11
12
1
2
5
8
3
6
BLOCK DIAGRAM
Multiwatt 15
ORDERING NUMBER: L4943
L4943
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
1/6


Similar Part No. - L4943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
More results

Similar Description - L4943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com