Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H50N8D Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H50N8D
Description  80V SGT N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H50N8D Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H50N8D Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N8D Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N8D Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N8D Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N8D Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N8D Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 4 of 6
Figure 7. Typical Gate-Charge vs. Gate-to-Source Voltage
Figure 8. Typical Capacitance vs. Drain-to-Source Voltage
Figure 9. Maximum Safe Operating Area
Figure 10. Maximun Drain Current vs. Case Temperature
Figure 11. Normalized Maximum Transient Thermal Impedance, Junction-to-Ambient
0
2
4
6
8
10
0
5
10
15
20
25
Q
g (nC)
1
10
100
1000
10000
0
10
20
30
40
50
60
70
V
DS (V)
C
iss
C
rss
C
oss
0
20
40
60
0
25
50
75
100
125
150
175
T
Ambient(℃)
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
single pulse
Duty=T
on/T
Peak T
J=TC+PDM.Z
qJC.RqJC
RqJC=2.4℃/W
Duty=0.5
0.3
0.1
0.05
0.03
0.01
Pulse Width (s)
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
V
DS (V)
10
ms
10ms
1ms
DC
R
DS(ON) limited
T
J(Max)=175°C
T
C=25°C
100
ms
10s
VDS=40V
ID=10A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com