Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EFP-OS2LSZH-SIM-SCA Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # EFP-OS2LSZH-SIM-SCA
Description  SCP-EasyFiber™ Single Mode Patch Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

EFP-OS2LSZH-SIM-SCA Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  EFP-OS2LSZH-SIM-SCA Datasheet HTML 1Page - Structured Cable Products Inc. EFP-OS2LSZH-SIM-SCA Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Physical Characteristics
Fiber Type
Single Mode OS2 9/125
Fiber Core Size
9µm
Fiber Make
Corning® SMF-28® Ultra
Insertion Loss (dB)
1310 / 1550nm
Return Loss( dB)
≤0.60
Durability(Times)
≥600
Tensile strength(N)
≥55
Environmental
Storage Temperature
-40°C to +70°C
Operating Temperature
-0°C to +70°C
Ratings
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
0621
SC-APC SIMPLEX - SCP-EASYFIBER™ SINGLE MODE PATCH CABLE W/CORNING®
SMF-28® ULTRA OS2 9/125, INDOOR/OUTDOOR LSZH Dca-s1,d1,a1
YELLOW JACKET - 1EA/BAG
SCP PART#:
EFP-OS2LSZH-SIM-SCA
*Corning® ClearCurve® and Corning® SMF-28® Ultra are registered trademarks of Corning Incorporated.
≤0.25
ROHS, IEC, TIA/EIA, NTT and JIS
Connector Type (End A)
Male simplex SC
Connector Type (End B)
Male simplex SC
Polish Type
UPC/APC
Specifications
Fiber Count
Simplex (1 strand)
Outer Jacket
LSZH, Yellow color
Strength Member
Aramid Yarn
Internal Jacket
0.9mm Tight buffer
Outer Jacket Size
2mm
UPC
APC
Packaging
Part #
Lenght
Weight
Dimensions
21 x 28cm
0.022k
1 m
EFP-OS2LSZH-SIM-SCA-1M
21 x 28cm
0.024k
2 m
EFP-OS2LSZH-SIM-SCA-2M
21 x 28cm
0.026k
3 m
EFP-OS2LSZH-SIM-SCA-3M
21 x 28cm
0.032k
5 m
EFP-OS2LSZH-SIM-SCA-5M
21 x 28cm
0.038k
7 m
EFP-OS2LSZH-SIM-SCA-7M
21 x 28cm
0.048k
10 m
EFP-OS2LSZH-SIM-SCA-10M
21 x 28cm
0.064k
15 m
EFP-OS2LSZH-SIM-SCA-15M
21 x 28cm
0.080k
20 m
EFP-OS2LSZH-SIM-SCA-20M
SCP-EasyFiber™ Single Mode Patch Cables
SCP-EasyFiber™ featuring Corning® SMF-28® Ultra provides
substantially less signal loss and superior bend performance
than traditional ber patch cables.


Similar Part No. - EFP-OS2LSZH-SIM-SCA

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
EFP-OS2LSZH-LCLC STRUCTURED-CABLE-EFP-OS2LSZH-LCLC Datasheet
571Kb / 2P
SCP-EasyFiber™ Single Mode Patch Cables
EFP-OS2LSZH-LCLC-10M STRUCTURED-CABLE-EFP-OS2LSZH-LCLC-10M Datasheet
571Kb / 2P
SCP-EasyFiber™ Single Mode Patch Cables
EFP-OS2LSZH-LCLC-15M STRUCTURED-CABLE-EFP-OS2LSZH-LCLC-15M Datasheet
571Kb / 2P
SCP-EasyFiber™ Single Mode Patch Cables
EFP-OS2LSZH-LCLC-1M STRUCTURED-CABLE-EFP-OS2LSZH-LCLC-1M Datasheet
571Kb / 2P
SCP-EasyFiber™ Single Mode Patch Cables
EFP-OS2LSZH-LCLC-20M STRUCTURED-CABLE-EFP-OS2LSZH-LCLC-20M Datasheet
571Kb / 2P
SCP-EasyFiber™ Single Mode Patch Cables
More results

Similar Description - EFP-OS2LSZH-SIM-SCA

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MV-SD SHIELD-MV-SD Datasheet
72Kb / 1P
Resolver cables, single pairs shielding, PUR
logo
3M Electronics
VOL-5EUP-L0.5 3M-VOL-5EUP-L0.5 Datasheet
124Kb / 2P
Category 5e RJ45 Patch Cables
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-6UP-L0.5 3M-VOL-6UP-L0.5 Datasheet
113Kb / 2P
Category 6 RJ45 Patch Cables
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
Laird Tech Smart Techno...
S888HVP12NF LSTD-S888HVP12NF Datasheet
156Kb / 1P
Single Patch Antenna
S9028P LSTD-S9028P Datasheet
530Kb / 1P
Single Patch Antenna
logo
Pasternack Enterprises,...
PE9935 PASTERNACK-PE9935 Datasheet
126Kb / 1P
SINGLE WIRE PATCH CORD
logo
HARTING Technology Grou...
09-14-001-4623 HARTING-09-14-001-4623 Datasheet
448Kb / 2P
Han RJ45 module, for patch cables & RJ-I
logo
Emerson Network Power
SCP EMERSON-NETWORKPOWER-SCP Datasheet
246Kb / 2P
SCP Series, 30 Watt; Single, Dual and Triple
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com