Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EFP-OS2LSZH-SIM-SCA-15M Datasheet(PDF) 2 Page - Structured Cable Products Inc.

Part # EFP-OS2LSZH-SIM-SCA-15M
Description  SCP-EasyFiber™ Single Mode Patch Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

EFP-OS2LSZH-SIM-SCA-15M Datasheet(HTML) 2 Page - Structured Cable Products Inc.

  EFP-OS2LSZH-SIM-SCA-15M Datasheet HTML 1Page - Structured Cable Products Inc. EFP-OS2LSZH-SIM-SCA-15M Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optical Characteristics:
Corning SMF-28® Ultra
Characteristics
Conditions
Specified Values
Units
Geometrical characteristics
Cladding diameter
125.0±1.0
um
Cladding non-circularity
≤
0.7
%
Coating diameter
242±5
um
Coating/cladding concentricity error
<12
um
Core/cladding concentricity error
≤
0.5
um
Optical characteristics
Attenuation
1310nm
≤
0.32
dB/km
1383nm
≤
0.32
dB/km
1490nm
≤
0.21
dB/km
1550nm
≤
0.18
dB/km
1625nm
≤
0.20
dB/km
Attenuation vs. Wavelength
max. A difference
1285~1330nm
≤
0.03
dB/km
1525~1575nm
≤
0.02
dB/km
Zero dispersion wavelength
1304~1324
nm
Zero dispersion slope
≤
0.092
ps/(nm2*km)
Polarization mode dispersion
PMD maximum individual fibre
≤
0.1
ps/km1/2
PMD design link value
≤
0.04
ps/km1/2
Cable cut off wavelength
≤
1260
nm
Mode field diameter
1310nm
8.8~9.6
um
1550nm
9.9~10.9
um
Group index of refraction
1310nm
1.4691
1550nm
1.4696
Environmental characteristics
1310nm 1550nm&1625nm
Temperature cycling
-60 to +85
≤
0.05
dB/km
Temperature-humidity cycling
-10 to +85 ,
4% to 98% RH
≤
0.05
dB/km
Water immersion
23 , 30 days
≤
0.05
dB/km
Dry heat
85 , 30 days
≤
0.05
dB/km
Damp heat
85 , 85%RH, 30 days
≤
0.05
dB/km
Mechanical specification
Proof test
≥
100
Kpsi
Macro bending induced loss
1Turns @10mm Radius
1550nm
≤
0.5
dB
1Turns @10mm Radius
1625nm
≤
1.5
dB
10Turns @15mm Radius
1550nm
≤
0.05
dB
10Turns @15mm Radius
1625nm
≤
0.30
dB
100Turns @25mm Radius
1310&1550&1625 nm
≤
0.01
dB
Dynamic stress corrosion susceptibility parameter
20
Cable Jacket Marking :
STRUCTURED CABLE PRODUCTS --- EFP-OS2LSZH-SIM-SCA --- SCP-EASYFIBER™ SC/SC SIMPLEX
OS2 9/125 2.0MM CORNING® SMF-28 ULTRA® LSZH EN50575 Dca-s1,d1,a1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com