Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA1797 Datasheet(PDF) 1 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # 2SA1797
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

2SA1797 Datasheet(HTML) 1 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  2SA1797 Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SA1797 Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SA1797 Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SA1797 Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SA1797 Datasheet HTML 5Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
2SA1797
E027
www.gmicroelec.com
Rev.A
1
FEATURES
Low saturation voltage VCE(sat)=-0.35V(Max.)
(IC/IB=-1A/-0.5A).
Excellent DC current gain characteristics.
Complements the 2SA1797 and 2SC4672.
MSL 3
APPLICATIONS
Low frequency transistor.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1797
AGP/AGQ
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
DC
Pulse
-2
-5
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Pb
Lead-free


Similar Part No. - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
logo
Unisonic Technologies
2SA1797 UTC-2SA1797 Datasheet
43Kb / 2P
POWER TRANSISTOR
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
97Kb / 3P
Power Transistor (−50V, −3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
More results

Similar Description - 2SA1797

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com