Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9282B2FD Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9282B2FD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2FD Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9282B2FD Datasheet HTML 2Page - Torex Semiconductor XC9282B2FD Datasheet HTML 3Page - Torex Semiconductor XC9282B2FD Datasheet HTML 4Page - Torex Semiconductor XC9282B2FD Datasheet HTML 5Page - Torex Semiconductor XC9282B2FD Datasheet HTML 6Page - Torex Semiconductor XC9282B2FD Datasheet HTML 7Page - Torex Semiconductor XC9282B2FD Datasheet HTML 8Page - Torex Semiconductor XC9282B2FD Datasheet HTML 9Page - Torex Semiconductor XC9282B2FD Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
XC9281/XC9282 Series
■ELECTRICAL CHARACTERISTICS
Unless otherwise stated, VIN=5V, VCE=5V, VOUT(T)=Nominal Value,
NOTE:
(*1) For PWM control.
(*2) When the difference between the input and the output is small, 100% duty might come up and internal control circuits keep
Pch driver turning on even though the output current is not so large.
If current is further pulled from this state, output voltage will decrease because of Pch driver ON resistance.
(*3) Including UVLO detect voltage, hysteresis operating voltage range for UVLO release voltage.
(*4) Design value for WLP-5-06
(*5) RLXH= (VIN - Lx pin measurement voltage) / 100mA, RLXL= Lx pin measurement voltage / 100mA
(*6) Current limit denotes the level of detection at peak of coil current.
(*7) "H" = VIN - 1.2V ~ VIN , "L" = -0.1V ~ 0.1V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT
VIN = <C -1>, VOUT = VOUT(T)×1.2→VOUT(T)×0.8
VOUT Voltage when Lx pin voltage changes from
"L" level to "H" level (*1)(*7)
<E-1>
<E-2>
<E-3>
V
①
Operating
Voltage Range
VIN
2.5
-
5.5
V
②
Maximum Output
Current
IOUTMAX
When connected to external components (*2),
VIN = <C -1>
600
-
-
mA
②
UVLO Voltage(*3)
VUVLO
VOUT = 0V, VIN = VCE
VIN Voltage which Lx pin holding “L” level
(*7)
1.66
2.00
2.40
V
①
Quiescent
Current
(XC9281)
Iq
VOUT =4.0V
-
590
948
μA
③
Quiescent
Current
(XC9282)
Iq
VOUT =4.0V
-
11.0
17.6
μA
③
Stand-by Current
ISTB
VIN = 5.5V, VCE = 0V, VOUT = 0V, VLx = 0V
-
0.0
0.6
μA
④
ON time
tON
When connected to external components,
VIN=<C-1>, IOUT=1mA
<E-5>
<E-6>
<E-7>
ns
②
Lx SW”H”ON
Resistance(*4)
RLXH
VIN = 3.6V, VOUT = 0V, ILX = 100mA
(*5)
-
0.32
0.50
Ω
⑤
Lx SW”L”ON
Resistance(*4)
RLXL
VIN = 3.6V, VOUT = 3.9V, ILX = 100mA
(*5)
-
0.26
0.35
Ω
⑤
Lx SW”H”
Leakage Current
ILeakH
VIN=5.5V, VCE=0V, VOUT=0V, VLX=5.5V
-
0.0
10.0
μA
④
Lx SW”L”
Leakage Current
ILeakL
VIN=5.5V, VCE=0V, VOUT=0V, VLX=0V
-
0.0
0.3
μA
④
Current Limit (*6)
ILIMH
VIN = 3.6V, VOUT=0V ILx until Lx pin oscillates
750
1000
1500
mA
⑥
Output Voltage
Temperature
Characteristics
ΔV
OUT/
(VOUT・ΔTopr)
VIN = <C -1>, VOUT = VOUT(T)×1.2→VOUT(T)×0.8
VOUT Voltage when Lx pin voltage changes from
"L" level to "H" level (*1)(*7), -40℃≦Topr≦105℃
-
±100
-
ppm/℃
①
CE ”H” Voltage
VCEH
VIN = 5.5V, VOUT = 0V, VCE Voltage which Lx pin
holding “H” level (*7)
1.20
-
5.50
V
①
CE ”L” Voltage
VCEL
VIN = 5.5V, VOUT = 0V, VCE Voltage which Lx pin
holding “L” level (*7)
GND
-
0.30
V
①
CE ”H” Current
ICEH
VCE = 5.5V, VOUT = 4.0V
-0.1
0.0
0.1
μA
③
CE ”L” Current
ICEL
VIN = 5.5V, VCE = 0V, VOUT = 0V
-0.1
0.0
0.1
μA
④
Soft-Start Time
tSS
VIN = 3.6V, VCE = 0V→3.6V, VOUT = VOUT(T) × 0.9
After "H" is fed to CE, the time by when clocks
are generated at Lx pin.
54
110
201
μs
①
CL Discharge
Resistance
(B Type)
RDCHG
VCE = 0V, VOUT = 1.0V
100
145
200
Ω
⑦
Ta=25℃
XC9281 / XC9282 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com