Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7135ARWZ Datasheet(PDF) 4 Page - Shenzhen Haitian Microelectronics Co., Ltd.

Part # HT7135ARWZ
Description  4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTCSEMI [Shenzhen Haitian Microelectronics Co., Ltd.]
Direct Link  http://www.htcsemi.com/index.asp
Logo HTCSEMI - Shenzhen Haitian Microelectronics Co., Ltd.

HT7135ARWZ Datasheet(HTML) 4 Page - Shenzhen Haitian Microelectronics Co., Ltd.

  HT7135ARWZ Datasheet HTML 1Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 2Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 3Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 4Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 5Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 6Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 7Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 8Page - Shenzhen Haitian Microelectronics Co., Ltd. HT7135ARWZ Datasheet HTML 9Page - Shenzhen Haitian Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
operating characteristics, VCC+ = 5 V, VCC– = 5 V, Vref = 1 V, fclock = 120 kHz, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
αFS
Full-scale temperature coefficient (see Note 4)
VID = 2 V,
0
°C ≤ TA ≤ 70°C
5
ppm/
°C
EL
Linearity error
–2 V
≤ VID ≤ 2 V
0.5
count
ED
Differential linearity error (see Note 5)
–2 V
≤ VID ≤ 2 V
0.01
LSB
EFS
± Full-scale symmetry error (rollover error) (see Note 6)
VID = ± 2 V
0.5
1
count
Display reading with 0-V input
VID = 0,
0
°C ≤ TA ≤ 70°C –0.0000 ±0.0000 0.0000
Digital
Reading
Display reading in ratiometric operation
VID = Vref, TA = 25°C
0.9998
0.9999
1.0000
Digital
Display reading in ratiometric operation
0
°C ≤ TA ≤ 70°C
0.9995
0.9999
1.0005
g
Reading
NOTES:
4. This parameter is measured with an external reference having a temperature coefficient of less than 0.01 ppm/
°C.
5. The magnitude of the difference between the worst case step of adjacent counts and the ideal step.
6. Rollover error is the difference between the absolute values of the conversion for 2 V and – 2 V.
timing diagrams
D1
D2
D3
D4
D5
STROBE†
B1 – B8
201 Counts
200 Counts
D5
D1
D2
D3
D4
D5
BUSY†
End of Conversion
200 Counts
200 Counts
200 Counts
200 Counts
200 Counts
† Delay between BUSY going low and the first STROBE pulse is dependent upon the analog input.
Figure 1
Rev. 00
HT7135A
TLC7135A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com