Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4949E Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4949E
Description  MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949E Datasheet(HTML) 2 Page - STMicroelectronics

  L4949E Datasheet HTML 1Page - STMicroelectronics L4949E Datasheet HTML 2Page - STMicroelectronics L4949E Datasheet HTML 3Page - STMicroelectronics L4949E Datasheet HTML 4Page - STMicroelectronics L4949E Datasheet HTML 5Page - STMicroelectronics L4949E Datasheet HTML 6Page - STMicroelectronics L4949E Datasheet HTML 7Page - STMicroelectronics L4949E Datasheet HTML 8Page - STMicroelectronics L4949E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VSDC
DC Operating Supply Voltage
28
V
VSTR
Transient Supply Voltage (T < 1s)
40
V
IO
Output Current
Internally Limited
VO
Output Voltage
20
V
VRES,VSO Output Voltage
20
V
IRES,ISO
Output Current
5
mA
VZ
Preregulator Output Voltage
7
V
IZ
Preregulator Output Current
5
mA
TJ
Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Note: The circuit is ESD protected according to MIL-STD-883C
THERMAL DATA
Symbol
Description
Minidip
SO-8
SO20L
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
100
200
50
°C/W
Rth j-pins
Thermal Resistance Junction-pins
Max
15
°C/W
TJSD
Thermal Shutdown Junction temperature
165
°C
PIN CONNECTIONS
VS
SI
VZ
CT
GND
RES
SO
VOUT
1
3
2
4
6
5
7
8
D95AT217
VZ
CT
N.C.
GND
GND
GND
GND
N.C.
N.C.
VOUT
N.C.
GND
GND
GND
GND
N.C.
VS
SI
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
RES
SO
D95AT218
MINIDIP/SO8
SO20
L4949E
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com