Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4953 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4953
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953 Datasheet(HTML) 1 Page - STMicroelectronics

  L4953 Datasheet HTML 1Page - STMicroelectronics L4953 Datasheet HTML 2Page - STMicroelectronics L4953 Datasheet HTML 3Page - STMicroelectronics L4953 Datasheet HTML 4Page - STMicroelectronics L4953 Datasheet HTML 5Page - STMicroelectronics L4953 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L4953
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
3 OUTPUTS:
10V (500mA); 5V (1A); 5V (100mA) STANDBY
OUT1 (10V) AND OUT2 (5V) WITH INDE-
PENDENT ENABLE CONTROL FOR STAND-
BY MODE
3A HIGH SIDE DRIVER WITH CLAMPED
OUTPUT (16V)
LOGIC OUTPUT FOR:
– SUPPLY UNDERVOLTAGE (LVW)
– OVERVOLTAGE
– THERMAL PROTECTION
RESET FUNCTION
IGNITION COMPARATOR
REVERSE BATTERY AND LOAD DUMP
PROTECTION
THERMAL SHUTDOWN
DESCRIPTION
The L4953 contains a triple voltage regulator and
a power switch.
The IC includes a monitoring circuit to warn if a
low voltage or no voltage condition is occuring.
In stand-by output is active as long as possible
even when in thermal shutdown or any other fault
conditions.
The STCAP pin allows the use of a reserve sup-
ply capacitor that will hold enough energy for the
5V Stand-by line to allow the
µP to store data.
June 2000
®
5V, 100mA
REGULATOR
STAND-BY
LOAD DUMP
AND REV
BATT PROT
REF
GEN
5V, 1000mA
REGULATOR
SWITCHED
10V, 500mA
REGULATOR
SWITCHED
16V, 3A
VOLTAGE CLAMP
SWITCHED
OVERVOLTAGE
UNDERVOLTAGE
THERMAL PROT
RESET
VCAP
Vref1 LVW THRESHOLD
Vref2 Reset THRESHOLD
IGNITION THRESHOLD
PROT
VS
7
POW GND
3
EN 5V
1
STCAP
12
EN 10V
2
EN 16V
15
11
STAND-BY 5V
9
OUT 5V
10
OUT 10V
4
OUT 16V
14
13
6
IGN OUT
LVW/FAULT
RESET
IGN INP
5
D94AU053A
SIG GND
8
BLOCK DIAGRAM
Multiwatt 15
ORDERING NUMBER: L4953
1/6


Similar Part No. - L4953

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
More results

Similar Description - L4953

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com