Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2461PCBA-41X Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2461PCBA-41X
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461PCBA-41X Datasheet(HTML) 3 Page - RF Micro Devices

  RF2461PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2461PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF2461
Rev B6 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain
12
13
dB
Mixer Preamp ON, Mix Gain=1
2.5
4.0
dB
Mixer Preamp OFF, Mix Gain=0
Noise Figure
5.5
7
dB
Mixer Preamp ON, Mix Gain=1
13
14
dB
Mixer Preamp OFF, Mix Gain=0
Input IP3
+2.0
+3.0
dBm
Mixer Preamp ON, Mix Gain=1
+10.0
+12.0
dBm
Mixer Preamp OFF, Mix Gain=0
Current
24
mA
Mixer Preamp ON, Mix Gain=1
21
mA
Mixer Preamp OFF, Mix Gain=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com