Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4953K Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4953K
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953K Datasheet(HTML) 3 Page - STMicroelectronics

  L4953K Datasheet HTML 1Page - STMicroelectronics L4953K Datasheet HTML 2Page - STMicroelectronics L4953K Datasheet HTML 3Page - STMicroelectronics L4953K Datasheet HTML 4Page - STMicroelectronics L4953K Datasheet HTML 5Page - STMicroelectronics L4953K Datasheet HTML 6Page - STMicroelectronics L4953K Datasheet HTML 7Page - STMicroelectronics L4953K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (VS = 14V, Tamb =25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
11
18
V
En
Output Noise Voltage
Any reg. supply,
f = 100Hz to 200KHz
200
400
µV
Tshud
Thermal Shutdown Junction
Temperature
155
°C
5V STAND-BY OUTPUT VOLTAGE
V5st-by
Stand-by Output Voltage
ILoad = 5mA
4.75
5
5.25
V
∆Vline
Line Regulation
11V < VS < 16V
5
50
mV
∆Vload
Load Regulation
5mA < Iout < 100mA
45
150
mV
Vdropout
Dropout Voltage
Iout = 100mA, VS = 5.5V
0.2
0.6
V
Iqst-by
Quiescent Current @ Stand-by
ILoad = 5mA
0.3
0.5
mA
5V/1000mA SWITCHED OUTPUT VOLTAGE
Vout5
5V Output Voltage
no load
4.75
5
5.25
V
∆Vline
Line Regulation
7V < VS < 18V
5
50
mV
∆Vload
Load Regulation
5mA < Iout < 1A
12
50
mV
Vdropout
Dropout Voltage
Iout = 1A, VS = 5.5V
1
1.5
V
Iq
Quiescent Current
75mA < Iout < 1A
30
100
mA
SWon
Switch ON
3.5
V
SW off
Switch OFF
1.5
V
SW hyst
Switch Hysteresis
100
200
350
mV
Rin
Input Impedance
25
40
50
K
Ω
8.25V/500mA SWITCHED OUTPUT VOLTAGE
Vout
8.25V Output Voltage
no load
7.9
8.25
8.6
V
∆Vline
Line Regulation
11V < VS < 18V
5
50
mV
∆Vload
Load Regulation
Iout = 500mA
12
50
mV
Vdropout
Dropout Voltage
Iout = 500mA, 5.5V < VS < 8.8V
0.4
0.9
V
Iq
Quiescent Current
Iout = 500mA
10
25
mA
SVR
Supply Voltage Rejection
f = 100Hz
f = 10KHz
55
40
75
dB
SWon
Switch ON
3.5
V
SW off
Switch OFF
1.5
V
SW hyst
Switch Hysteresis
100
200
350
mV
Rin
Input Impedance
25
40
50
K
Ω
HIGH SIDE DRIVER WITH CLAMPED OUTPUT (16V)
Vout16
Max. Output Voltage
VS = 18V
15
16.2
V
IO
Output Continuous Current
VS = 15V
1.5
A
Vdropout
Dropout Voltage
Iout = 1A, 6V < VS < 15V
0.4
0.9
V
SWon
Switch ON
3.5
V
SW off
Switch OFF
1.5
V
SW hyst
Switch Hysteresis
100
200
350
mV
Rin
Input Impedance
25
40
50
K
Ω
L4953K
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com