Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL23EP08SC-2 Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # SL23EP08SC-2
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2 Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP08SC-2 Datasheet HTML 1Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 2Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 3Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 4Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 5Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev 1.4, May 28, 2007
Page 3 of 18
SL23EP08
General Description
The SL23EP08 is a low skew, low jitter Zero Delay
Buffer with very low operating current.
The product includes an on-chip high performance PLL
that locks into the input reference clock and produces
eight (8) output clock drivers tracking the input
reference clock for systems requiring clock distribution.
in addition to FBK pin used for internal PLL feedback,
there are two (2) banks with four (4) outputs in each
bank, bringing the number of total available output
clocks to eight (8).
Input and output Frequency Range
The input and output frequency range is the same for
SL23EP08-1 and -1H versions. For SL23EP08-2, -2H -
3, -4 and -5H versions, the output frequency is 1/2x,
1x, 2x, or 4x of the CLKIN as given in the “Available
SL23EP08 Configurations” Table 3. But, the frequency
range depends on VDD and drive levels as given in the
“Electrical Specifications” Tables.
If the input clock frequency is DC (from GND to VDD),
this is detected by an input frequency detection
circuitry and all eight (8) clock outputs are forced to Hi-
Z. The PLL is shutdown to save power. In this
shutdown state, the product draws less than 10 A
supply current.
SpreadThru™ Feature
If a Spread Spectrum Clock (SSC) were to be used as
an input clock, the SL23EP08 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from
its reference input to the output clocks. The same
spread characteristics at the input are passed through
the PLL and drivers without any degradation in spread
percent (%), spread profile and modulation frequency.
Select Input Control
The SL23EP08 provides two (2) input select control
pins called S1 and S2. This feature enables users to
selects various states of output clock banks-A and
bank-B, output source and PLL shutdown features as
shown in the Table 2.
The S1 (Pin-9) and S2 (Pin-8) inputs include 250 k
weak pull-down resistors to GND.
PLL Bypass Mode
If the S2=1 and S2=0 pins, the on-chip PLL is shutdown
and bypassed, and all the eight (8) output clocks of bank
A and bank B are driven directly from the reference input
clock. In this operation mode SL23EP08 works like a
non-ZDB product.
High and Low-Drive Product Options
The SL23EP08 is offered with high drive “-1H, -2H and -
5H” and standard drive “-1, -2, -3 and -4” options. These
drive options enable the users to control load levels,
frequency range and EMI control. Refer to the AC
electrical tables for the details.
SL23EP08-5H is offered only with high drive option.
SL23EP08-3 and -4 are offered only with standard drive
option.
Skew and Zero Delay
All outputs should drive the similar load to achieve
output-to-output skew and input-to-output delay
specifications given in the AC electrical tables. However,
Zero delay between input and outputs can be adjusted
by changing the loading of FBK pin relative to the banks
A and B clocks since FBK is the feedback to the PLL.
Power Supply Range (VDD)
The SL23EP08 is designed to operate with from 3.3V to
2.5V VDD power supply range. An internal on-chip
voltage regulator is used to provide PLL constant power
supply of 1.8V, leading to a consistent and stable PLL
electrical performance in terms of skew, jitter and power
dissipation. The SL2308 I/O is powered by using VDD.
Contact SLI for 1.8V power supply version ZDB called
SL23EPL08.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com