Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2309SI-1HT Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # SL2309SI-1HT
Description  Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309SI-1HT Datasheet(HTML) 4 Page - SpectraLinear Inc

  SL2309SI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL2309SI-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev 1.1, May 29, 2007
Page 4 of 12
SL2309
S2
S1
Clock A1-A4
Clock B1-4
CLKOUT
Output Source
PLL Status
0
0
Tri-state
Tri-state
Driven
PLL
On
0
1
Driven
Tri-state
Driven
PLL
On
1
0
Driven
Driven
Driven
Reference
Off
1
1
Driven
Driven
Driven
PLL
On
0
510
15
20
25
30
-30
-25
-20
-5
-10
-15
1500
1000
500
-500
-1500
-1000
0
Output Load Difference: FBK Load – CLKA or CLKB Load (pF)
Figure 1. CLKIN Input to CLK A and B Delay
(In terms of load difference between CLKOUT and CLK A and B)
Table 2. Select Input Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com