| Electronic Components Datasheet Search |
|
STM32WB15CCU6U Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB15CCU6U Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 2 Development environment STM32 32-bit microcontrollers are based on the Arm® Cortex®-M processor. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. 2.1 System requirements • Windows® OS (7, 8, or 10), Linux® 64-bit, or macOS® • USB Type-A or USB Type-C® to Micro-B cable Note: macOS® is a trademark of Apple Inc. registered in the U.S. and other countries. All other trademarks are the property of their respective owners. 2.2 Development toolchains • IAR Systems® - IAR Embedded Workbench®(1) • Keil® - MDK-ARM(1) • STMicroelectronics - STM32CubeIDE • Arm® - Mbed Studio(2) (3) 1. On Windows® only. 2. Arm and Mbed are registered trademarks or trademarks of Arm Limited (or its subsidiaries) in the US and or elsewhere. 3. Refer to the os.mbed.com website and to the “Ordering information” section to determine which order codes are supported. 2.3 Demonstration software The demonstration software, included in the STM32Cube MCU Package corresponding to the on-board microcontroller, is preloaded in the STM32 Flash memory for easy demonstration of the device peripherals in standalone mode. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com. NUCLEO-WB55RG NUCLEO-WB15CC Development environment DB4388 - Rev 1 page 4/6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |