Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB621 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB621
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB621 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB621 Datasheet HTML 1Page - Panasonic Semiconductor 2SB621 Datasheet HTML 2Page - Panasonic Semiconductor 2SB621 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SB621, 2SB621A
Silicon PNP epitaxial planer type
For low-frequency output amplification
Complementary to 2SD592 and 2SD592A
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
High transition frequency fT.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–30
–60
–25
–50
–5
–1.5
–1
750
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
2SB621
2SB621A
2SB621
2SB621A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –500mA
VCE = –5V, IC = –1A
IC = –500mA, IB = –50mA
IC = –500mA, IB = –50mA
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–30
–60
–25
–50
–5
85
50
typ
– 0.2
– 0.85
200
20
max
– 0.1
340
–0.4
–1.2
30
Unit
µA
V
V
V
V
V
MHz
pF
2SB621
2SB621A
2SB621
2SB621A
*h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340


Similar Part No. - 2SB621

ManufacturerPart #DatasheetDescription
logo
NEC
2SB624 NEC-2SB624 Datasheet
256Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Weitron Technology
2SB624 WEITRON-2SB624 Datasheet
214Kb / 4P
PNP Epitaxial Planar Transistors
logo
TRANSYS Electronics Lim...
2SB624 TEL-2SB624 Datasheet
111Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SB624 BILIN-2SB624 Datasheet
295Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SB624 KEXIN-2SB624 Datasheet
37Kb / 1P
PNP Silicon Epitaxial Transistor
More results

Similar Description - 2SB621

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com