Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4955V51 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4955V51
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V51 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4955V51 Datasheet HTML 3Page - STMicroelectronics L4955V51 Datasheet HTML 4Page - STMicroelectronics L4955V51 Datasheet HTML 5Page - STMicroelectronics L4955V51 Datasheet HTML 6Page - STMicroelectronics L4955V51 Datasheet HTML 7Page - STMicroelectronics L4955V51 Datasheet HTML 8Page - STMicroelectronics L4955V51 Datasheet HTML 9Page - STMicroelectronics L4955V51 Datasheet HTML 10Page - STMicroelectronics L4955V51 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PG
VADJ
0.9 VADJ
hyst = 200mV
High
Low
Low
t
t
D96IN364B
VOUT=VADJ (R1+R2)/R2
Figure 14: Power Good Function
VINH
Vref = 1.26V
hyst = 200mV
regulator
OFF
t
t
regulator
ON
regulator
ON
D96IN365A
Figure 15: Inhibit Function
01
23
45
0
10
20
30
40
50
60
70
80
90
10 0
Io u t [ A ]
R i p p le R e je c t io n [ d B ]
Fr ip p le= 12 0H z
Vr i ppl e = 3V p- p
Fr ip p l e= 1 0 kH z
Vr i p p l e= 0. 5 V p - p
Fr ip p l e = 1 k Hz
V r i p p l e= 0. 5 V p - p
F r ippl e= 5 0 kH z
V r i p pl e= 0. 5 V p- p
C in = 22uF
C out = 2 2uF
V o u t = 1 . 26V
Vinm i n = 4 . 5 V
Figure 13: Ripple Rejection vs. Output Current
L4955
L4955
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com