Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4957 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4957
Description  UP TO 4A ULDO LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957 Datasheet(HTML) 3 Page - STMicroelectronics

  L4957 Datasheet HTML 1Page - STMicroelectronics L4957 Datasheet HTML 2Page - STMicroelectronics L4957 Datasheet HTML 3Page - STMicroelectronics L4957 Datasheet HTML 4Page - STMicroelectronics L4957 Datasheet HTML 5Page - STMicroelectronics L4957 Datasheet HTML 6Page - STMicroelectronics L4957 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L4957 - ELECTRICAL CHARACTERISTICS (Tj =25
°C, VIN = 5V, unless otherwise specified).
= Specificationsreferred to T
J from 0
°C to +125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Operating Supply Voltage
(1)
3
6.5
V
VO
Output Voltage (1)
For L4957V1.5/D1.5
0.1A < IO < 4A; 3V < VIN <6.5V
3V < VIN < 6.5V; 0.1A < IO <4A
1.47
1.455
1.5
1.5
1.53
1.545
V
V
For L4957V2.5/D2.5
0.1A < IO < 4A; 3V < VIN <6.5V
3V < VIN < 6.5V; 0.1A < IO <4A
2.45
2.425
2.5
2.5
2.55
2.575
V
V
∆VO
Load regulation (1)
0.1A < IO < 4A
2
10
mV
RDSON
Drain-Source ON
Resistance
200
300
m
IO
Current Limiting
90% VO
5.1
6.3
7.5
A
Short Circuit Current
VO =0V
1.8
A
IQ
Quiescent Current
0.1A < IO <4A 3V < VIN < 6.5V
0.5
2
mA
Ripple Rejection
f = 120Hz, IO =4A
VIN =5V
∆VIN =2VPP
60
75
dB
(1) GND connected to ground.
THERMAL DATA
Symbol
Parameter
TO220
D2PAK
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
2.5
3
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
50
60
°C/W
Thermal Shutdown
Typ.
150
°C
Thermal Hysteresis
Typ.
20
°C
PIN FUNCTIONS
Pin N
° Name
Function
1
IN
Unregulated input voltage; this pin must be bypassed with a capacitor larger than 10
µF.
2
GND
To connect to Ground to get 1.5V or 2.5V output.
3
OUT
Regulated output voltage. A minimum bypass capacitor of 22
µF is required to insure stability.
-40
-20
0
20
40
60
80
100 120 140 160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Tj [
°C]
3V < Vin < 6.5V
Iout = 10mA
Figure 1: Line Regulation vs. Junction
Temperature
01234
5
-5
-4
-3
-2
-1
0
1
2
3
4
5
Iout [A]
Vin = 5V
Tj = 25
°C
(Pulsed technique has been used)
Vout = 1.5V
Figure 2: Load Regulation
L4957
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com