Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4955V5.1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4955V5.1
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V5.1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4955V5.1 Datasheet HTML 4Page - STMicroelectronics L4955V5.1 Datasheet HTML 5Page - STMicroelectronics L4955V5.1 Datasheet HTML 6Page - STMicroelectronics L4955V5.1 Datasheet HTML 7Page - STMicroelectronics L4955V5.1 Datasheet HTML 8Page - STMicroelectronics L4955V5.1 Datasheet HTML 9Page - STMicroelectronics L4955V5.1 Datasheet HTML 10Page - STMicroelectronics L4955V5.1 Datasheet HTML 11Page - STMicroelectronics L4955V5.1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LINE TRANSIENT RESPONSE
Figure 16.
Figure 17.
Figure 18.
Test condition:VIN = 12V;
∆VIN = 1V; VO = 3.3V; IO = 200mA; CIN =10µF (electrolytic capacitor);
Cout =22
µF (electrolytic capacitor); dV/dt = 0.1 V/µs; TJ =25°C
L4955
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com