Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR2020CT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SR2020CT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SR2020CT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SR2020CT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SR2020CT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
FEATURES
MECHANICAL DATA
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SR
2060CT
UNITS
Maximum recurrent peak reverse voltage
VRRM
60
V
Working peak reverse voltage
VRMS
42
V
Maximum DC blocking voltage
VDC
60
V
Maximum average forw ard rectified current
v 9.5mm lead length,
@ T
A=100
IF(AV)
A
Peak forw ard surge current 8.3 ms single half
v sine-w ave superimposed on rated load
v (JEDEC Method) @T
J=125
IFSM
A
Maximum instantaneous forw ard voltage per leg
@ 10A(Note1)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Operating junction temperature range
TJ
Storage temperature range
TSTG
SR2020CT---SR2060CT
GALAXY ELECTRICAL
35
20
30
40
50
SR
2030CT
Polarity: As marked
TO-220AB
-55 --- +150
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
21
28
mA
50.0
14
High surge capability
-55 --- +150
The plastic material carries U/L recognition 94V-0
IR
150.0
0.75
0.65
1.0
Low forward voltage drop,low switching losses
20.0
30
40
SR
2020CT
SR
2040CT
SR
2050CT
50
Case:JEDEC TO--220AB,molded plastic
Terminals: Leads ,solderable per MIL- STD-111 j kkn
kkkk202, Method 208
REVERSE VOLTAGE: 20 - 60 V
FORWARD CURRENT: 20 A
20
Weight: 0.08ounce, 2.24 grams
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Ratings at 25
ambient temperature unless otherwise specified.
Metal-Semiconductor junction with guard ring
DUAL SCHOTTKY RECTIFIERS
Epitaxial construction
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
BLGALAXY ELECTRICAL
Document Number 0267004
1.
mm


Similar Part No. - SR2020CT

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR2020CT UNIOHM-SR2020CT Datasheet
68Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR2020CT SEMTECH_ELEC-SR2020CT Datasheet
250Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Goodwork Semiconductor ...
SR2020CT GWSEMI-SR2020CT Datasheet
73Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SR2020CT CHENDA-SR2020CT Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2020CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR2070PT DSK-MBR2070PT Datasheet
244Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com