Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC8723QFKR Datasheet(PDF) 1 Page - SOUTHCHIP Semiconductor Technology

Part # SC8723QFKR
Description  SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost Converter with Four Integrated MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOUTHCHIP [SOUTHCHIP Semiconductor Technology]
Direct Link  https://www.southchip.com/en
Logo SOUTHCHIP - SOUTHCHIP Semiconductor Technology

SC8723QFKR Datasheet(HTML) 1 Page - SOUTHCHIP Semiconductor Technology

  SC8723QFKR Datasheet HTML 1Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 2Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 3Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 4Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 5Page - SOUTHCHIP Semiconductor Technology SC8723QFKR Datasheet HTML 6Page - SOUTHCHIP Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SC8723 PRELIMINARY SPEC
SOUTHCHIP SEMICONDUCTOR
SOUTHCHIP CONFIDENTIAL, SUBJECT TO CHANGE
Copyright © 2021, Southchip Semiconductor Technology (Shanghai) Co., Ltd.
1
SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost
Converter with Four Integrated MOSFETs
1
Descriptions
SC8723 is a synchronous 4-switch buck-boost converter
with four integrated switches. It provides excellent power
efficiency and voltage regulation no matter the output
voltage is higher, lower or equal to the input voltage.
SC8723 supports very wide input and output voltage range.
It can support applications from 2.7V to 24V input range and
3V to 22V output range and provides up to 3.5A output
current.
SC8723 employs average current-mode control. The output
voltage is adjusted by FB pin with resistors. The switching
mode (PSM /FPWM) and the switching frequency can be
adjusted by external setting. The device also provides
programmable output current limit which supports flexible
design for different applications.
SC8723 supports internal current limit, input under voltage
protection, output over voltage protection, output short
protection, FB short circuit protection and over temperature
protection
to
ensure
safety
under
different
abnormal
conditions.
The IC is in a 22 pin 3x3 QFN package.
2
Features
•
High Efficiency Buck-Boost Conversion
•
Few External Components
•
Integrated Low RDS(ON) Switches
•
Wide VIN Range: 2.7 V to 24 V
•
Wide VOUT Range:3V to 22V
•
Fixed 5.1V VOUT with FB tied to GND
•
Up to 3.5A Output Current
•
250K/500K/750K/1MHz Adjustable Switching Frequency
•
Adjustable Output Current Limit
•
Forced PWM Mode/ PSM Mode Selectable
•
EN control and Programmable UVLO
•
Internal Soft Start
•
Absolute Input and Output Over Voltage Protection
•
Output Short Protection with Hiccup Mode
•
Thermal Shutdown Protection
•
Under Voltage Protection
•
Over Voltage Protection
•
QFN-22 FC 3 x 3 Package
3
Applications
•
USB Type C Hub
•
Power Bank with Quick Charge
•
Wireless Charger
•
Wall Adapter
•
Industry Power Supplies
4
Device Information
Part Number
Package
Dimension
SC8723QFKR
22 pin QFN
3.0mm x 3.0mm x 0.75mm
TEL:17512016690 QQ:1843079631


Similar Part No. - SC8723QFKR

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
SC872-A TELIT-SC872-A Datasheet
440Kb / 2P
JUPITER SC872-A
More results

Similar Description - SC8723QFKR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Linear Technology
LTC3779 LINER-LTC3779 Datasheet
1Mb / 12P
High Voltage, High Efficiency 48V/10A Synchronous Buck-Boost Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com