Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD2981ABM33TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD2981ABM33TR
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981ABM33TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD2981ABM33TR Datasheet HTML 19Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 20Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 21Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 22Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 23Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 24Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 25Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 26Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LD2981
Ordering information
DocID6279 Rev 17
25/27
9
Ordering information
Table 10: Order codes
AB version
C version
Output voltage
SOT23-5L
SOT-89
SOT23-5L
SOT-89
LD2981CM25TR
2.5 V
LD2981ABM30TR
LD2981CM30TR
3.0 V
LD2981ABM33TR
LD2981ABU33TR
LD2981CM33TR
LD2981CU33TR
3.3 V
LD2981ABM50TR
LD2981ABU50TR
LD2981CM33TR
LD2981CU50TR
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com