Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28301PVC Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # CY28301PVC
Description  Frequency Generator for Intel(r) Integrated Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28301PVC Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button CY28301PVC Datasheet HTML 5Page - SpectraLinear Inc CY28301PVC Datasheet HTML 6Page - SpectraLinear Inc CY28301PVC Datasheet HTML 7Page - SpectraLinear Inc CY28301PVC Datasheet HTML 8Page - SpectraLinear Inc CY28301PVC Datasheet HTML 9Page - SpectraLinear Inc CY28301PVC Datasheet HTML 10Page - SpectraLinear Inc CY28301PVC Datasheet HTML 11Page - SpectraLinear Inc CY28301PVC Datasheet HTML 12Page - SpectraLinear Inc CY28301PVC Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY28301
Rev 1.0, November 27, 2006
Page 10 of 13
DC Electrical Characteristics[2]
DC parameters must be sustainable under steady state (DC) conditions.
Table 5. Frequency Selections through HW Strap Option and Serial Data Interface Data Bytes
Input Conditions
Output Frequency
FS1
FS0
CPU
SDRAM
3V66
PCI
APIC
SEL1
SEL0
0
0
66.6
100.0
66.6
33.3
16.6
0
1
100.0
100.0
66.6
33.3
16.6
1
0
133.3
133.3
66.6
33.3
16.6
1
1
133.3
100.0
66.6
33.3
16.6
Absolute Maximum DC Power Supply
Parameter
Description
Min.
Max.
Unit
VDDQ3
3.3V Core Supply Voltage
–0.5
4.6
V
VDDQ2
2.5V I/O Supply Voltage
–0.5
3.6
V
TS
Storage Temperature
–65
150
°C
Absolute Maximum DC I/O
Parameter
Description
Min.
Max.
Unit
Vi/o3
3.3V Core Supply Voltage
–0.5
4.6
V
Vi/o3
2.5V I/O Supply Voltage
–0.5
3.6
V
ESD prot.
Input ESD Protection
2000
V
DC Operating Requirements
Parameter
Description
Condition
Min.
Max.
Unit
VDD3
3.3V Core Supply Voltage
3.3V ±5%
3.135
3.465
V
VDDQ3
3.3V I/O Supply Voltage
3.3V ±5%
3.135
3.465
V
VDDQ2
2.5V I/O Supply Voltage
2.5V ±5%
2.375
2.625
V
VDD3 = 3.3V ±5%
Vih3
3.3V Input High Voltage
VDD3
2.0
VDD + 0.3
V
Vil3
3.3V Input Low Voltage
VSS – 0.3
0.8
V
Iil
Input Leakage Current[3]
0 < Vin <VDD3
–5
+5
µA
VDDQ2 = 2.5V ±5%
Voh2
2.5V Output High Voltage
Ioh = (–1 mA)
2.0
V
Vol2
2.5V Output Low Voltage
Iol = (1 mA)
0.4
V
VDDQ3 = 3.3V ±5%
Voh3
3.3V Output High Voltage
Ioh = (–1 mA)
.4
V
Vol3
3.3V Output Low Voltage
Iol = (1 mA)
0.4
V
VDDQ3 = 3.3V ±5%
Vpoh3
PCI Bus Output High Voltage
Ioh = (–1 mA)
2.4
V
Vpol3
PCI Bus Output Low Voltage
Iol = (1 mA)
0.55
V
Note:
2. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3. Input leakage current does not include inputs with pull-up or pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com