Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

36WSWPDOBD0211 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Intel 13th Generation Core i3/i5/i7 Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
ARK-2251
Ordering Information
Part No.
CPU
RAM
HDMI GbE USB3.1
RS-232/422/485 Audio Full-size
MiniPCIe M.2 mSATA
Power
Input
Operating
Temp.
Made in
ARK-2251-S2A1
Intel Core
i3-1315UE
Up to 64 GB 2
3
6
6
2
1
2
shared with
mPCIe
12-24 VDC -20 ~ 60° C China
ARK-2251-S2A1U
Intel Core
i3-1315UE Up to 64 GB 2
3
6
6
2
1
2
shared with
mPCIe
12-24 VDC -20 ~ 60° C Taiwan
ARK-2251-S3A1
Intel Core
i5-1335UE
Up to 64 GB 2
3
6
6
2
1
2
shared with
mPCIe
12-24 VDC -20 ~ 60° C China
ARK-2251-S3A1U
Intel Core
i5-1335UE
Up to 64 GB 2
3
6
6
2
1
2
shared with
mPCIe
12-24 VDC -20 ~ 60° C Taiwan
ARK-2251-S7A1
Intel Core
i7-1365UE
Up to 64 GB 2
3
6
6
2
1
2
shared with
mPCIe
12-24 VDC -20 ~ 60° C China
Optional Items
Part Number
Description
96PSA-A120W24T2-4 ADP A/D 100-240V 120W 24V C14 CORD END 62368
96PSA-A150W24T2-4 A/D 100-240V 150W 24V W/PFC C14 TERMINAL 62368
1702002600
Power cable 3-pin 183 cm, USA type
1702002605
Power cable 3-pin 183 cm, EU type
1702031801
Power cable 3-pin 183 cm, UK type
1700000237
Power cable 3-pin 183 cm, PSE type
1700024369-01
1M HDMI cable
1700031560-01
1.8M HDMI cable
Optional MOS modules for iDoor Expansion
Part Number
Description
MOS-2230-Z1201E
CANBus module, 2-Ch, USB I/F
MOS-2220-X1101E
Parallel LPT module, 1-Ch, USB I/F
MOS-2110Z-1201E
USB module, 2-Ch, PCIe I/F
MOS-2120-Z1101E
Giga LAN Ethernet module, 1-Ch, PCIe I/F
MOS-1120Y-0202E
Isolated RS-232, 2-Ch, DB9, PCIe I/F
MOS-1121Y-0202E
Isolated RS-422/485, 2-Ch, DB9, PCIe I/F
MOS-1120Y-1402E
Non-Isolated RS-232, 4-Ch, DB37, PCIe I/F
MOS-1130Y-0201E
Isolated CANBus, 2-Ch, DB9, PCIe I/F
MOS-1110Y-0101E
Isolated 16 DI/8 DO, 1-Ch, DB37, PCIe I/F
MOS-2120-Z1201
Dual Intel I210 GbE LAN iDoor, 2-Ch, PCIe I/F
MOS-2220-Z1101E
High Speed Serial COM module, 1-Ch, USB I/F
Packing List
Part Number
Description
-
1 x ARK-2251 Unit
-
1 x User Manual (Simplified Chinese)
-
Wrench for top cover
-
Mounting kit
-
Bracket & thermal pad for M.2 M Key SSD (NVMe)
36WSWPDOBD0211
WISE-DeviceOn
36WSWPDOBUND11
McAfee Application Control Lite/Acronis Backup 11.7
for Windows PC
1652004519
1 x 3-pin plug-in block for power in
1652007880-01
1 x 4-pin terminal block for switch
1652008233-01
1 x 6-pin terminal block for Canbus
Embedded OS
Part Number
Description
20706WX1VS0064
img W10 21VL ARK-2251 64b 21H2 ENU
20706U22DS0026
img UbuntuD ARK-2251 64b 22.04 ENU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com