Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5200N Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5200N
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5200N Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5200N Datasheet HTML 1Page - Toshiba Semiconductor 2SC5200N Datasheet HTML 2Page - Toshiba Semiconductor 2SC5200N Datasheet HTML 3Page - Toshiba Semiconductor 2SC5200N Datasheet HTML 4Page - Toshiba Semiconductor 2SC5200N Datasheet HTML 5Page - Toshiba Semiconductor 2SC5200N Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5200N
2
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Junction-to-case thermal resistance
Symbol
Rth(j-c)
Max
0.83
Unit
/W
6.
6.
6.
6. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
6.1.
6.1.
6.1.
6.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Tcccc = 25
= 25
= 25
= 25
))))
Characteristics
Collector cut-off current
Emitter cut-off current
Collector-emitter breakdown voltage
DC current gain
Collector-emitter saturation voltage
Base-emitter voltage
Symbol
ICBO
IEBO
V(BR)CEO
hFE(1)
hFE(2)
VCE(sat)
VBE
Test Condition
VCB = 230 V, IE = 0 A
VEB = 5 V, IC = 0 A
IC = 50 mA, IB = 0 A
VCE = 5 V, IC = 1 A
VCE = 5 V, IC = 7 A
IC = 8 A, IB = 0.8 A
VCE = 5 V, IC = 7 A
Min
230
80
35
Typ.
0.4
0.9
Max
5.0
5.0
160
3.0
1.5
Unit
µA
V
V
6.2.
6.2.
6.2.
6.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Tcccc = 25
= 25
= 25
= 25
))))
Characteristics
Transition frequency
Collector output capacitance
Symbol
fT
Cob
Test Condition
VCE = 5 V, IC = 1 A
VCB = 10 V, IE = 0 A, f = 1 MHz
Min
Typ.
30
200
Max
Unit
MHz
pF
7.
7.
7.
7. Marking (Note)
Marking (Note)
Marking (Note)
Marking (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
2015-05-12
Rev.2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com