Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4863 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4863 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4863 Datasheet HTML 1Page - National Semiconductor (TI) LM4863 Datasheet HTML 2Page - National Semiconductor (TI) LM4863 Datasheet HTML 3Page - National Semiconductor (TI) LM4863 Datasheet HTML 4Page - National Semiconductor (TI) LM4863 Datasheet HTML 5Page - National Semiconductor (TI) LM4863 Datasheet HTML 6Page - National Semiconductor (TI) LM4863 Datasheet HTML 7Page - National Semiconductor (TI) LM4863 Datasheet HTML 8Page - National Semiconductor (TI) LM4863 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4863
Dual 2.2W Audio Amplifier Plus Stereo Headphone
Function
General Description
The LM4863 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.2W
toa4
Ω load (Note 1) or 2.5W to a 3Ω load (Note 2) with less
than 1.0% THD+N. In addition, the headphone input pin
allows the amplifiers to operate in single-ended mode when
driving stereo headphones.
Boomer audio power amplifiers were designed specifically to
provide high quality output power from a surface mount
package while requiring few external components. To sim-
plify audio system design, the LM4863 combines dual bridge
speaker amplifiers and stereo headphone amplifiers on one
chip.
The LM4863 features an externally controlled, low-power
consumption shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection. It also utilizes cir-
cuitry to reduce “clicks and pops” during device turn-on.
Note 1: An LM4863MTE or LM4863LQ that has been properly mounted to
a circuit board will deliver 2.2W into 4
Ω. The other package options for the
LM4863 will deliver 1.1W into 8
Ω. See the Application Information sections
for further information concerning the LM4863MTE and LM4863LQ.
Note 2: An LM4863MTE or LM4863LQ that has been properly mounted to a
circuit board and forced-air cooled will deliver 2.5W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
LM4863LQ, 3
Ω,4Ω loads
2.5W(typ), 2.2W(typ)
n
LM4863MTE, 3
Ω,4Ω loads
2.5W(typ), 2.2W(typ)
n
LM4863MTE, 8
Ω load
1.1W(typ)
n
LM4863, 8
Ω
1.1W(typ)
n
Single-ended mode THD+N at 75mW into
32
Ω
0.5%(max)
n
Shutdown current
0.7µA(typ)
n
Supply voltage range
2.0V to 5.5V
Features
n
Stereo headphone amplifier mode
n
“Click and pop” suppression circuitry
n
Unity-gain stable
n
Thermal shutdown protection circuitry
n
SOIC, TSSOP, exposed-DAP TSSOP, and LLP
packages
* Not recommended for new designs. Contact NSC Audio
Marketing.
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable televisions
Typical Application
01288101
Note: Pin out shown for SO package. Refer to the Connection Diagrams for the pinout of the TSSOP, Exposed-DAP TSSOP, and Exposed-DAP LLP
packages.
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2006
© 2006 National Semiconductor Corporation
DS012881
www.national.com


Similar Part No. - LM4863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
413Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4863 TI2-LM4863 Datasheet
1,015Kb / 28P
LM4863 Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
REVISED MAY 2013
logo
Unisonic Technologies
LM4863-D16-T UTC-LM4863-D16-T Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - LM4863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863_07 Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863 Datasheet
417Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4863LQ TI1-LM4863LQ Datasheet
1Mb / 28P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863_16 Datasheet
413Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com