Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1M44TL2 Datasheet(PDF) 13 Page - Multicomp Pro

Part # 1M44TL2
Description  Minature Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1M44TL2 Datasheet(HTML) 13 Page - Multicomp Pro

Back Button 1M44TL2 Datasheet HTML 6Page - Multicomp Pro 1M44TL2 Datasheet HTML 7Page - Multicomp Pro 1M44TL2 Datasheet HTML 8Page - Multicomp Pro 1M44TL2 Datasheet HTML 9Page - Multicomp Pro 1M44TL2 Datasheet HTML 10Page - Multicomp Pro 1M44TL2 Datasheet HTML 11Page - Multicomp Pro 1M44TL2 Datasheet HTML 12Page - Multicomp Pro 1M44TL2 Datasheet HTML 13Page - Multicomp Pro 1M44TL2 Datasheet HTML 14Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Page <13>
V1.0
31/07/20
Minature Toggle Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
HDW18
HDW19
HDW20
Optional Toggle Cap:
CP-T1XX
CAP Colour :
Item No
Colour
1
White
2
Black (Std)
3
Red
5
Yellow
6
Green
7
Blue
9
Gray
Contact Material Options:
Contact Plating
Terminal Plating
Ratings
Q
Silver
Q = Silver
5 Amps with resistant load @ 120VAC or 28VDC
2 Amps with resistant load @ 250VAC
S
S = Silver,pure - tin
C
Gold over Silver
C = Gold over silver
K
K = Gold over silver,pure - tin
R
Gold
R = Gold
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
G
G = Gold,pure - tin
Soldering Processes:
Manual Soldering: Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder.
Wave Soldering: Recommended Soldering Temperature: 260 ± 5°C Duration of Solder Immersion: Max 5 sec.
(PCB is 1.6mm in thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com