Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMS2016-005-EB Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMS2016-005-EB
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-005-EB Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMS2016-005-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
FMS2016-005
EVALUATION BOARD COMPONENT SIDE LAYOUT:
C1
C1
C1
C1
C1
C2 C2 C2 C2
BILL OF MATERIALS:
LABEL
COMPONENT
Board
Preferred evaluation board material is 0.25 mm thick ROGERS RT4350. All RF tracks should be 50 ohm characteristic material.
RFC
SMA RF connector
DCC
DC connector
C1
Capacitor, 47pF, 0402
C2
Capacitor, 470pF, 0603
EVALUATION BOARD DE-EMBEDDING DATA (MEASURED):
Insertion Loss
Return Loss
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN CALIBRATION BOARD INSERTION LOSS
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.51
1.52
2.53
3.5
Frequency (GHz)
FMS2016QFN CALIBRATION BOARD RETURN LOSS
-40
-35
-30
-25
-20
-15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com