Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4976 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4976
Description  1A STEP DOWN SWITCHING REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4976 Datasheet HTML 3Page - STMicroelectronics L4976 Datasheet HTML 4Page - STMicroelectronics L4976 Datasheet HTML 5Page - STMicroelectronics L4976 Datasheet HTML 6Page - STMicroelectronics L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics L4976 Datasheet HTML 10Page - STMicroelectronics L4976 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0.0
0.2
0.4 0.6
0.8
1.0
1.2
1.4 IO(A)
55
60
65
70
75
80
85
90
η
(%)
D97IN741
VCC=8V
fsw=200KHz
VO=3.36V
VCC=12V
VCC=24V
VCC=48V
Figure 13. Efficiencyvs. output current.
0
1020
3040
50
VCC(V)
70
75
80
85
η
(%)
D97IN742
V
0=5.1V-f
SW
=100KHz
IO=1.5A
V
0
=5.1V-f
SW =200KHz
V
0
=3.36V-f
SW =100KHz
V
0
=3.36V-f
SW
=1200KHz
Figure 14. Efficiency vs. Vcc.
0
10
20304050
VCC(V)
0
200
400
600
800
Pdiss
(mW)
D97IN743
IO=1.5A
VO=5.1V
fsw=100KHz
IO=1A
IO=0.5A
Figure 15. Power dissipation vs. Vcc.
0
5
10
15
20
25
30 V0(V)
0
200
400
600
800
Pdiss
(mW)
D97IN744
IO=1.5A
VCC=35V
fsw=100KHz
IO=1A
IO=0.5A
Figure 16. Efficiency vs. Vo.
-50 -25
0
25
50
75 100 125 Tj(
°C)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Ilim
(A)
D97IN747
fsw=100KHz
VCC=35V
Figure 17. Pulse by pulse limiting current vs.
junction temperature.
Figure 18. Load transient.
L4976
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com