Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QB-TILE Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # QB-TILE
Description  Quick-Build™ Harness Board System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

QB-TILE Datasheet(HTML) 1 Page - PANDUIT CORP.

  QB-TILE Datasheet HTML 1Page - PANDUIT CORP. QB-TILE Datasheet HTML 2Page - PANDUIT CORP. QB-TILE Datasheet HTML 3Page - PANDUIT CORP. QB-TILE Datasheet HTML 4Page - PANDUIT CORP. QB-TILE Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A Revolutionary Modular Solution
for Harness Manufacturers
The modular, reusable solution consists of 1’ X 1’
(305mm x 305mm) grid tiles and specially designed,
repositionable accessories that improve the productivity
of wire harness assembly builds by up to 18%. The
Quick-Build™ Accessories are more effective than nail,
magnetic, or snap-in routing fixture methods. Accessories
easily twist and lock in place until you’re ready to make a
change for faster routing of wires and design flexibility.
Low-Volume-High-Mix (LVHM) manufacturers achieve the
greatest savings due to reduced material costs -- up to 65%
of layout and board builds. By reducing the number of bulky
plywood boards, the Quick-Build™ Harness Board System
delivers more than 50% in storage space savings. Whether
you need to build a variety of wire and cable assemblies to
meet different customer specifications or for prototyping
new harness designs, the more you build, the greater your
profitability.
Quick-Build™
Harness Board System
Product Bulletin
Key Features
Benefits
Modular Board Design
1’ x 1’ (305mm x 305mm)
Tiles
Improve Productivity
• Reusable boards make it easy to move from one harness configuration to another
• Scalable – Expand capacity as needed to accommodate various harness configurations
Improve Profitability
• Improve storage efficiency and reduce costly square footage from storing plywood harness
boards not in use
• Reduce labor needed to retrieve and store plywood harness boards
Patent-pending
Hole Design
Improve Productivity
• Locking mechanism is more effective than nails, magnetic or snap-in routing fixtures;
accessories stay in place until you’re ready to make a change
• Easily move accessories from one hole to another to optimize harness layout
Improve Profitability
• Faster setup time as compared to the hammer and nail method
• Reduce repetitive work and improve safety from use of hammer and nails
Reusable Accessories
Complementary Offering
To Traditional Harness
Board Accessories
Improve Productivity
• Reusable and repositionable accessories are designed to be rotated easily to accommodate
cable routing pathway
• Mounting platforms and mounting pegs improve setup by allowing accessories to be
easily changed to ensure consistent harness board designs and configurations
• Help to elevate harness routing above the board to allow efficient use of the Panduit Automatic
Cable Tie Installation Tool as well as manually installing cable ties, labels, abrasion protection
products, tape, etc.
Improve Profitability
• Use with existing Panduit Harness Board Accessories to create a modular system
• Reduce expense of storing costly harness board accessories and test fixtures
For more information, visit www.panduit.com/QB


Similar Part No. - QB-TILE

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
QB-TILE PANDUIT-QB-TILE_V01 Datasheet
1Mb / 8P
Quick-Build Harness Board System
4/2016
More results

Similar Description - QB-TILE

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
HR2N-1-8 RICHCO-HR2N-1-8 Datasheet
51Kb / 1P
HARNESS RAP
logo
Texas Instruments
MSP-EXP430F5529 TI1-MSP-EXP430F5529 Datasheet
1Mb / 3P
Experimenter Board Quick Start
logo
Freescale Semiconductor...
DEMOQE128 FREESCALE-DEMOQE128 Datasheet
216Kb / 2P
Quick Board References
logo
CUI INC
CUI-435-1FT CUI-CUI-435-1FT Datasheet
96Kb / 1P
WIRE HARNESS
CUI-3131-6FT CUI-CUI-3131-6FT Datasheet
95Kb / 1P
WIRE HARNESS
CUI-3934-6FT CUI-CUI-3934-6FT Datasheet
105Kb / 1P
WIRE HARNESS
logo
Maxim Integrated Produc...
MAXREFDES64 MAXIM-MAXREFDES64 Datasheet
366Kb / 6P
System Board
12/8/2014
logo
CUI INC
CUI-3131-6FT CUI-CUI-3131-6FT_V01 Datasheet
96Kb / 1P
WIRE HARNESS
04/10/2020
CUI-3132-1FT CUI-CUI-3132-1FT_V01 Datasheet
93Kb / 1P
WIRE HARNESS
4/15/2020
CUI-435-1FT CUI-CUI-435-1FT_V01 Datasheet
96Kb / 1P
WIRE HARNESS
04/13/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com