Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OP249 Datasheet(PDF) 17 Page - Analog Devices

Part # OP249
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP249_07 Datasheet HTML 12Page - Analog Devices OP249_07 Datasheet HTML 13Page - Analog Devices OP249_07 Datasheet HTML 14Page - Analog Devices OP249_07 Datasheet HTML 15Page - Analog Devices OP249_07 Datasheet HTML 16Page - Analog Devices OP249_07 Datasheet HTML 17Page - Analog Devices OP249_07 Datasheet HTML 18Page - Analog Devices OP249_07 Datasheet HTML 19Page - Analog Devices OP249_07 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OP249
Rev. F | Page 17 of 20
As seen in Figure 51, the OP249 has an extremely fast recovery
of 247 ns (to 0.01%) for a 1 mA load transient. The performance
makes it an ideal amplifier for data acquisition systems.
The combination of high speed and excellent dc performance of
the OP249 makes it an ideal amplifier for 12-bit data acquisition
systems. Examining the circuit in Figure 53, one amplifier in the
OP249 provides a stable −5 V reference voltage for the VREF input of
the ADC912. The other amplifier in the OP249 performs high
speed buffering of the input of the ADC.
By examining the worst-case transient voltage error at the AIN
node of the ADC, it is shown that the OP249 recovers in less
than 100 ns (see Figure 52). The fast recovery is due to both the
wide bandwidth and low dc output impedance of the OP249.
10
0%
100
90
100ns
2V
2mV
247.4ns
Figure 51. Transient Recovery Time of the OP249 from
a 1 mA Load Transient to 0.01%
10
0%
100
90
100ns
5mV
Figure 52. Worst-Case Transient Voltage at Analog In Occurs at
the Half-Scale Point of the ADC; the OP249 Buffers the
ADC Input from Figure 53 and Recovers in <100 ns
+15V
AGND
AIN
DGND HBEN
BUSY
CLK IN
ADC912A
RD
+5V
+15V
10Ω
REF02
GND
VIN
VOUT
CS
VREFIN
–15V
10µF||0.1µF
10µF||0.1µF
0.1µF
0.1µF
ANALOG
INPUT
1/2
OP249
–15V
–5V
10µF||0.1µF
0.1µF
0.1µF
1/2
OP249
3
2
8
4
1
24
23
20
17
22
21
19
12
3
2
1
2
6
5
6
1
4
Figure 53. OP249 Dual Amplifiers Provide Both Stable −5 V Reference Input and Buffers Input to ADC912A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com