Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OP193 Datasheet(PDF) 13 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices OP193 Datasheet HTML 10Page - Analog Devices OP193 Datasheet HTML 11Page - Analog Devices OP193 Datasheet HTML 12Page - Analog Devices OP193 Datasheet HTML 13Page - Analog Devices OP193 Datasheet HTML 14Page - Analog Devices OP193 Datasheet HTML 15Page - Analog Devices OP193 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
OP193/OP293/OP493
–13–
From the formulas, it can be seen that if the span trim is
adjusted before the zero trim, the two trims are not interactive,
which greatly simplifies the calibration procedure.
Calibration of the transmitter is simple. First, the slope of the
output current versus temperature is calibrated by adjusting the
span trim, R7. A couple of iterations may be required to be sure
the slope is correct.
Once the span trim has been completed, the zero trim can be made.
Remember that adjusting the zero trim will not affect the gain.
The zero trim can be set at any known temperature by adjusting
R5 until the output current equals:
IT
T
OUT
I
T
FS
OPERATING
AMBIENT
MIN
=−
+

()
∆
∆
4 mA
Table I shows the values of R6 required for various temperature
ranges.
Table I. R6 Values vs. Temperature
Temp Range
R6
0
°C to 70°C
10 k
Ω
–40
°C to +85°C
6.2 k
Ω
–55
°C to +150°C3 kΩ
A Micropower Voltage Controlled Oscillator
An OP293 in combination with an inexpensive quad CMOS
analog switch forms the precision VCO of Figure 12. This cir-
cuit provides triangle and square wave outputs and draws only
50
µA from a single 5 V supply. A1 acts as an integrator; S1
switches the charging current symmetrically to yield positive and
negative ramps. The integrator is bounded by A2 which acts as
a Schmitt trigger with a precise hysteresis of 1.67 volts, set by
resistors R5, R6, and R7, and associated CMOS switches. The
resulting output of A1 is a triangle wave with upper and lower
levels of 3.33 and 1.67 volts. The output of A2 is a square wave
with almost rail-to-rail swing. With the components shown,
frequency of operation is given by the equation:
fV
V
OUT
CONTROL
=×
V
Hz
10
/
but this can easily be changed by varying C1. The circuit oper-
ates well up to 500 Hz.
8
4
1/2 OP293
1
2
3
R3
100k
VCONTROL
R4
200k
TRIANGLE
OUT
A1
5V
R1
200k
R2
200k
1/2 OP293
6
5
7
A2
SQUARE
OUT
5V
R6
200k
R7
200k
S3
S4
S1
1 IN/OUT
2 OUT/IN
CONT 12
OUT/IN
10
3 OUT/IN
S2
CONT 13
4 IN/OUT
6 CONT
5 CONT
7
VSS
IN/OUT
8
IN/OUT 11
OUT/IN
9
VDD
14
5V
5V
CD4066
R8
200k
5V
R5
200k
C1
75nF
Figure 12. Micropower Voltage Controlled Oscillator
A Micropower, Single-Supply Quad Voltage Output 8-Bit DAC
The circuit of Figure 13 uses the DAC8408 CMOS quad 8-bit
DAC and the OP493 to form a single-supply quad voltage out-
put DAC with a supply drain of only 140
µA. The DAC8408 is
used in the voltage switching mode and each DAC has an out-
put resistance (
≈10 kΩ) independent of the digital input code.
The output amplifiers act as buffers to avoid loading the DACs.
The 100 k
Ω resistors ensure that the OP493 outputs will swing
to within 1/2 LSB of ground, i.e.:
1
2
256
×=
1.23 V
3 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com