Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F-ILCD-OS2LCSC-FM Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # F-ILCD-OS2LCSC-FM
Description  DUPLEX LC(F)/SC(M) SINGLE-MODE IN-LINE STYLE COUPLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

F-ILCD-OS2LCSC-FM Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  F-ILCD-OS2LCSC-FM Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT SUMMARY
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
Fiber optic adapters provide feed-through patching and connector
conversion via any industry-standard patch panel. They connect two
multimode fiber optic cables while contributing to a clean and
professional installation.
Duplex Female LC to Male SC
Single mode (OS2) compatible
In-line style
High precision ceramic sleeve
For UPC polish type cables
Low insertion loss
Rated for 1000 plug cycles
●
●
●
●
●
●
●
FEATURES & BENEFITS
SPECIFICATIONS
SCP PART#:
F-ILCD-OS2LCSC-FM
DUPLEX LC(F)/SC(M) SINGLE-MODE IN-LINE STYLE COUPLER -
OS2 (BLUE), UPC POLISH TYPE - 1 EACH
Rev 08/2020
Physical Specifications
Connector Type (End A)
Connector Type (End B)
Polish Type
Coupler Style
Color
Mechanical Specifications
Insertion Loss
Fiber Type
Supported Fiber Count
Housing Material
Environmental Specifications
Operating Temperature
Storage Temperature
Operating Humidity
Regulatory
Female duplex LC
Male duplex SC
UPC / UPC
In-line
Blue
<0.3dB
Single mode OS2
Duplex (2 strand)
ABS+PC plastic (UL 94V-0)
-4 - 158°F (-25 - 70°C)
-40 - 185°F (-40 - 80°C)
0 – 95%, non-condensing
RoHs


Similar Description - F-ILCD-OS2LCSC-FM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300032-1 PASTERNACK-PE300032-1 Datasheet
248Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX SINGLE MODE
PE300032-2 PASTERNACK-PE300032-2 Datasheet
248Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX SINGLE MODE
PE300032-3 PASTERNACK-PE300032-3 Datasheet
248Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX SINGLE MODE
PE300432-1 PASTERNACK-PE300432-1 Datasheet
107Kb / 1P
CABLE ASSEMBLY SC APC TO LC APC DUPLEX SINGLE MODE
PE300432-2 PASTERNACK-PE300432-2 Datasheet
107Kb / 1P
CABLE ASSEMBLY SC APC TO LC APC DUPLEX SINGLE MODE
PE300432-3 PASTERNACK-PE300432-3 Datasheet
107Kb / 1P
CABLE ASSEMBLY SC APC TO LC APC DUPLEX SINGLE MODE
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300032 PASTERNACK-PE300032 Datasheet
109Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX SINGLE MODE
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
Duplex MMF Coupler (SC-SC)
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
Duplex MMF / SMF Coupler (SC/SC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com