Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F-LGXP-MMLC6 Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # F-LGXP-MMLC6
Description  6 LC DUPLEX MULTIMODE FIBER LGX ADAPTER PLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

F-LGXP-MMLC6 Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  F-LGXP-MMLC6 Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT SUMMARY
Rev 08/2020
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
The 6 multimode duplex LC enclosure panel populates open panel
slots in compatible wall-mount enclosures and rack trays. The panel is
compatible with LGX-118 panel slots and features push-pin style
mounting tabs for quick installation.
Fiber coupler/adapter insert for rack trays and wall-mount enclosures
6 multimode duplex LC connectors
Compatible with multimode OM2, OM3 and OM4 fiber
Black powder-coated steel
5.10” x 1.15” (130mm x 29mm)
LGX-118 compatible
Push-pin style mounting tabs
●
●
●
●
●
●
●
FEATURES & BENEFITS
SPECIFICATIONS
SCP PART#:
F-LGXP-MMLC6
6 LC DUPLEX MULTIMODE FIBER LGX ADAPTER PLATE -
10G OM3/OM4 MULTIMODE ADAPTERS (AQUA), ZIRCONIA CERAMIC
SPLIT SLEEVE, PUSH PIN STYLE MOUNTING TABS - 1 EACH
Dimensions
Material
Color
Compatible Panel Slot Size
Fiber Couplers
Compatible Fiber
Compliancy
5.10” x 1.15” (130mm x 29mm)
Powder-coated steel
Black
LGX-118
Front: six female duplex LC connectors (12 total connectors)
Rear: six female duplex LC connectors (12 total connectors)
Multimode OM2, OM3 & OM4
RoHS


Similar Part No. - F-LGXP-MMLC6

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
F-LGXP-MMLC12 STRUCTURED-CABLE-F-LGXP-MMLC12 Datasheet
328Kb / 1P
12 LC DUPLEX MULTIMODE FIBER LGX ADAPTER PLATE
Rev 08/2020
More results

Similar Description - F-LGXP-MMLC6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N32002M TRIPPLITE-N32002M Datasheet
490Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
Duplex Multimode Fiber Optic Coupler, (LC-LC)
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590230 MOLEX1-1060590230 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
logo
Tripp Lite. All Rights ...
N455-000 TRIPPLITE-N455-000 Datasheet
155Kb / 2P
Duplex Multimode Fiber Coupler (LC/LC)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
Duplex Multimode Fiber Optic Coupler, (LC/LC)
logo
Molex Electronics Ltd.
1060590200 MOLEX-1060590200_V01 Datasheet
22Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590230 MOLEX-1060590230_V01 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com