Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G055-CF Datasheet(PDF) 3 Page - ebm-papst

Part # M3G055-CF
Description  EC centrifugal fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-CF Datasheet(HTML) 3 Page - ebm-papst

  M3G055-CF Datasheet HTML 1Page - ebm-papst M3G055-CF Datasheet HTML 2Page - ebm-papst M3G055-CF Datasheet HTML 3Page - ebm-papst M3G055-CF Datasheet HTML 4Page - ebm-papst M3G055-CF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC centrifugal fan
forward curved, dual inlet
with housing (flange)
D3G133-BF03-06
Product drawing
1
Connection line PVC 4 x 0.25 mm² with plug: AMP Mate-N-Lok 480702-0
1.1
red
1.2
yellow
1.3
Light blue
1.4
white
2
Connection line PVC 3G x 0.5 mm² with plug: AMP Mate-N-Lok-480702-0
2.1
brown
2.2
blue
2.3
green/yellow
Item no. 50120-5-9980 · Revision 76342 · Release 2013-03-21 · Page 3 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com