Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DZ85AB-5-WH2. Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DZ85AB-5-WH2.
Description  Automotive relay sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DZ85AB-5-WH2. Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DZ85AB-5-WH2. Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ85AB-5-WH2. Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automotive relay sockets
DZ Series
Page 2 of 2
American Electronic Components Inc., 1101 Lafayette St., Elkhart, IN 46516
Toll Free: (888) 847-6552, Tel: (574)-295-6330
www.aecsensors.com
DZ85AB-4-PCB 4 Pin PCB Socket for 40 & 60 Amp Relays - Pins are Included.
.079 [2.00] DIA.
LOCATING PINS
1.043 [26.49]
.945 [24.00]
.571 [14.50]
.642 [16.31]
.078 [1.98]
.050 [1.27]
TYP.
TYP.
.234 [5.94] = PCB
.149 [3.78] = SPCB
.075 [1.91]
.331 [8.41]
.626 [15.90]
.705 [17.91]
.256 [6.50]
.256 [6.50]
.332 [8.45]
.332 [8.45]
.083 [2.11] DIA.
PC BOARD LAYOUT
.083 [2.11] DIA.
.092 [2.34] DIA.
TYP.
.075 [1.91]
.331 [8.41]
.315 [8.00]
.626 [15.90]
.705 [17.91]
.256 [6.50]
.256 [6.50]
.332 [8.45]
.332 [8.45]
.083 [2.11] DIA.
PC BOARD LAYOUT
.083 [2.11] DIA.
.092 [2.34] DIA.
TYP.
DZ85AB-5-PCB 5 Pin PCB Socket for 40 & 60 Amp Relays - Pins are Included.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com