Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSBS75XCLP2 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # PSBS75XCLP2
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XCLP2 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  PSBS75XCLP2 Datasheet HTML 1Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 2Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.andersonpower.com
- 52 -
All Data Subject To Change Without Notice
| SBS® CONNECTOR SPECIFICATIONS |
Auxiliary contacts are available for SBS®75X only.
SBS®75X and SBS®75G PCB connectors are designed to mate only with the wire connector of the same series.
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed
the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
Materials
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Wire Power & Ground Contact Silver Plated Copper Alloy
PCB Power & Ground Contact Tin Plated Copper Alloy
SBS75X Auxiliary Contacts
Pin
Copper alloy, Au over Ni
Socket
BeCu, Au over Ni
Socket Body
Copper alloy, Sn bright over Ni
Retention Clip
Stainless Steel
PCB Press Fit Retainers
Brass - Tin Plated
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts
Electrical
Current Rating Amperes¹
UL 1977 CSA/TUV
Primary Power (6 AWG)
110
75
Auxiliary (12 AWG)
20
10
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
Power & Ground: 1 1/4” of #6 AWG wire
0.200
Auxiliary: Wire & PCB
3.000
UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC
Wire & PCB Power
50A
Wire & PCB Auxiliary
5A
UL Ground Short Time Current Test - SBS75G Wire & PCB
1530 Amps, #6 AWG Wire
6 seconds
Mechanical
Wire Size Range
AWG
mm²
Power Contacts (with bushings)
16 to 6
1.3 to 13.3
Auxiliary Contacts
24 to 12
0.25 to 3.3
Max. Wire Insulation Diameter
in.
mm
SBS®75G Power & Ground
0.380
9.652
SBS®50 & SBS®75X Power Contacts
0.410
10.414
SBS®75X Auxiliary Contacts
0.140
3.600
Operating Temperature²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Gold (Au)
Power & Ground Contacts Wire
10,000
Power & Ground Contacts PCB
1,500
Auxiliary Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
SBS®75X and SBS®75G Wire to Wire
16
70
SBS®50 Wire to Wire
8
36
SBS®75X and SBS®75G Wire to PCB
8
36
Min. Contact / Spring Retention Force
Lbf.
N
Power, Standard Housing
50
222
Power, Chem. Resistant Housing
30
133
Aux. Standard Housing
15
67
Aux. Chem. Resistant Housing
10
44
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness- in. [mm]
0.093 [2.4]
Recommended Traces Power & Ground
#6 AWG Cross Section
Recommended Traces Auxiliary
#12 AWG Cross Section
Min. Creepage / Clearance Distance PCB in.
mm
Power to Aux. Creepage SBS®75X
0.41
10.4
Power to Aux. Clearance SBS®75X
0.24
6.1
Power to Ground Creepage SBS®75G
0.35
8.9
Power to Ground Clearance SBS®75G
0.26
6.7
Auxiliary Creepage SBS®75X
0.12
3.0
Auxiliary Clearance SBS®75X
0.12
3.0
Protection
Touch Safety with Wire Contacts & PCB Mating Interface
IEC 60950
Pass
IEC 60529
IP20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com