Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC081500 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081500
Description  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC081500 Datasheet HTML 17Page - National Semiconductor (TI) ADC081500 Datasheet HTML 18Page - National Semiconductor (TI) ADC081500 Datasheet HTML 19Page - National Semiconductor (TI) ADC081500 Datasheet HTML 20Page - National Semiconductor (TI) ADC081500 Datasheet HTML 21Page - National Semiconductor (TI) ADC081500 Datasheet HTML 22Page - National Semiconductor (TI) ADC081500 Datasheet HTML 23Page - National Semiconductor (TI) ADC081500 Datasheet HTML 24Page - National Semiconductor (TI) ADC081500 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1.0 Functional Description
The ADC081500 is a versatile A/D Converter with an inno-
vative architecture permitting very high speed operation. The
controls available ease the application of the device to circuit
solutions. Optimum performance requires adherence to the
provisions discussed here and in the Applications Informa-
tion Section.
While it is generally poor practice to allow an active pin to
float, pins 4 and 14 of the ADC081500 are designed to be left
floating without jeopardy. In all discussions throughout this
data sheet, whenever a function is called by allowing a
control pin to float, connecting that pin to a potential of one
half the V
A supply voltage will have the same effect as
allowing it to float.
1.1 OVERVIEW
The ADC081500 uses a calibrated folding and interpolating
architecture that achieves over 7.4 effective bits. The use of
folding amplifiers greatly reduces the number of comparators
and power consumption. Interpolation reduces the number
of front-end amplifiers required, minimizing the load on the
input signal and further reducing power requirements. In
addition to other things, on-chip calibration reduces the INL
bow often seen with folding architectures. The result is an
extremely fast, high performance, low power converter.
The analog input signal that is within the converter’s input
voltage range is digitized to eight bits at speeds of 200
MSPS to 1.7 GSPS, typical. Differential input voltages below
negative full-scale will cause the output word to consist of all
zeroes. Differential input voltages above positive full-scale
will cause the output word to consist of all ones. Either of
these conditions at the input will cause the OR (Out of
Range) output to be activated. That is, the single OR output
indicates the output code is below negative full scale or
above positive full scale.
The ADC081500 has a 1:2 demultiplexer that feeds two
LVDS output buses. The data on these buses provide an
output word rate on each bus at half the ADC sampling rate
and must be interleaved by the user to provide output words
at the full conversion rate.
The output levels may be selected to be normal or reduced.
Using reduced levels saves power but could result in erro-
neous data capture of some or all of the bits, especially at
higher sample rates and in marginally designed systems.
1.1.1 Self-Calibration
A self-calibration is performed upon power-up and can also
be invoked by the user upon command. Calibration trims the
100
Ω analog input differential termination resistor and mini-
mizes full-scale error, offset error, DNL and INL, resulting in
maximizing SNR, THD, SINAD (SNDR) and ENOB. Internal
bias currents are also set with the calibration process. All of
this is true whether the calibration is performed upon power
up or is performed upon command. Running the self calibra-
tion is an important part of this chip’s functionality and is
required in order to obtain adequate performance. In addi-
tion to the requirement to be run at power-up, self calibration
must be re-run whenever the sense of the FSR pin is
changed. For best performance, we recommend that self
calibration be run 20 seconds or more after application of
power and whenever the operating temperature changes
significantly relative to the specific system performance re-
quirements. See Section 2.4.2.2 for more information. Cali-
bration can not be initiated or run while the device is in the
power-down mode. See Section 1.1.7 for information on the
interaction between Power Down and Calibration.
During the calibration process, the input termination resistor
is trimmed to a value that is equal to R
EXT / 33. This external
resistor is located between pin 32 and ground. R
EXT must be
3300
Ω ±0.1%. With this value, the input termination resistor
is trimmed to be 100
Ω. Because R
EXT is also used to set the
proper current for the Track and Hold amplifier, for the
preamplifiers and for the comparators, other values of R
EXT
should not be used.
In normal operation, calibration is performed just after appli-
cation of power and whenever a valid calibration command
is given, which is holding the CAL pin low for at least 80 input
clock cycles, then hold it high for at least another 80 input
clock cycles. The time taken by the calibration procedure is
specified in the A.C. Characteristics Table. Holding the CAL
pin high upon power up will prevent the calibration process
from running until the CAL pin experiences the above-
mentioned 80 input clock cycles low followed by 80 cycles
high.
CalDly (pin 127) is used to select one of two delay times after
the application of power to the start of calibration. This
calibration delay is 2
25 input clock cycles (about 22 ms at 1.5
GSPS) with CalDly low, or 2
31 input clock cycles (about 1.4
seconds at 1.5 GSPS) with CalDly high. These delay values
allow the power supply to come up and stabilize before
calibration takes place. If the PD pin is high upon power-up,
the calibration delay counter will be disabled until the PD pin
is brought low. Therefore, holding the PD pin high during
power up will further delay the start of the power-up calibra-
tion cycle. The best setting of the CalDly pin depends upon
the power-on settling time of the power supply.
The CalRun output is high whenever the calibration proce-
dure is running. This is true whether the calibration is done at
power-up or on-command.
1.1.2 Acquiring the Input
Data is acquired at the falling edge of CLK+ (pin 18) and the
digital equivalent of that data is available at the digital out-
puts 13 input clock cycles later for the D output bus and 14
input clock cycles later for the Dd output bus. There is an
additional internal delay called t
OD before the data is avail-
able at the outputs. See the Timing Diagram. The
ADC081500 will convert as long as the input clock signal is
present. The fully differential comparator design and the
innovative design of the sample-and-hold amplifier, together
with self calibration, enables a very flat SINAD/ENOB re-
sponse beyond 1.5 GHz. The ADC081500 output data sig-
naling is LVDS and the output format is offset binary.
1.1.3 Control Modes
Much of the user control can be accomplished with several
control pins that are provided. Examples include initiation of
the calibration cycle, power down mode and full scale range
setting. However, the ADC081500 also provides an Ex-
tended Control mode whereby a serial interface is used to
access register-based control of several advanced features.
The Extended Control mode is not intended to be enabled
and disabled dynamically. Rather, the user is expected to
employ either the Normal Control mode or the Extended
Control mode at all times. When the device is in the Ex-
tended Control mode, pin-based control of several features
is replaced with register-based control and those pin-based
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com