Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28344PVC Datasheet(PDF) 20 Page - SpectraLinear Inc

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28344PVC Datasheet(HTML) 20 Page - SpectraLinear Inc

Back Button CY28344PVC Datasheet HTML 13Page - SpectraLinear Inc CY28344PVC Datasheet HTML 14Page - SpectraLinear Inc CY28344PVC Datasheet HTML 15Page - SpectraLinear Inc CY28344PVC Datasheet HTML 16Page - SpectraLinear Inc CY28344PVC Datasheet HTML 17Page - SpectraLinear Inc CY28344PVC Datasheet HTML 18Page - SpectraLinear Inc CY28344PVC Datasheet HTML 19Page - SpectraLinear Inc CY28344PVC Datasheet HTML 20Page - SpectraLinear Inc CY28344PVC Datasheet HTML 21Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
CY28344
Rev 1.0, November 21, 2006
Page 20 of 21
Test Circuit
Note: All capacitors must be placed as close to the pins as is physically possible.
4, 8, 14, 19, 25, 29, 32, 36, 42
VDD_REF, VDD_PCI,
OUTPUTS
Note: Each supply pin must have an individual decoupling capacitor.
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
Rs
Rs
Rp
Rp
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
7, 13, 18, 24, 30, 33, 41, 45
0.7V amplitude: RS = 33 ohm, RP = 50 ohm
0.7V Test Load
2pF
2pF
4, 8, 14, 19, 25, 29, 32, 36, 42
VDD_REF, VDD_PCI,
OUTPUTS
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
7, 13, 18, 24, 30, 33, 41, 45
1.0V Test Load
2pF
2pF
33
33
63.4
63.4
475
1.0V Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com