Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCS9888 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 18Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 24Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 25Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Configuration Register Descriptions (Continued)
Address
(Hex)
Write/Read
or Read Only
Bits
POR Value
Name
Bit Name/Description
15H
W/R
7
1*******
Channel Mode
Sets the channel mode of the data outputs. 0 = single
channel mode. 1 = dual channel mode. In dual channel
mode, the DATACK output clocks operate at 1/2 of the
pixel conversion rate, and pixel data is updated on the
A and B output ports. See also Register 15H, bit 6.
6
*1******
Output Mode
Sets the output mode of the data outputs. 0 =
interleaved mode, 1 = parallel mode. In interleaved
mode, one output port is updated on the rising edge of
DATACK, the other output port is updated on the falling
edge of DATACK.
5
**0*****
A/B Even/Odd
When this bit is set to 1, HSOUT transitions on the
rising edge of DATACK. (Instead of the falling edge as
shown in the timing diagrams).
4
***0****
4:2:2 Output
Mode
Selects 4:2:2 subsampled output formatting mode, for
use with YUV type video signals. 0 = normal output
formatting, 1 = 4:2:2 output formatting.
In YUV 4:2:2 mode, the channel connections and data
output are as follows:
Channel
Input Signal
Output
Red
V
U/V
Green
Y
Y
Blue
U
High Z
3
****0***
Input Mux
Selects which video input source is used. 0 = port 0, 1
= port 1.
2:1
*****11*
Input
Bandwidth
Sets the analog input bandwidth.
11 = 500 MHz
10 = 300 MHz
01 = 150 MHz
00=75MHz
0
*******0
External Clock
Determines whether the internal Hsync referenced PLL
is used as the clock source, or the CKEXT source is
used. 0 = internal PLL. 1 = CKEXT is used.
16H
W/R
7:0
11111111
Test Register
17H
W/R
7:0
00000000
Test Register
18H
RO
7:0
Test Register
19H
RO
7:0
Test Register
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com