Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8104EXUMA2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8104EXUMA2
Description  Smart Quad Channel Powertrain Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8104EXUMA2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8104EXUMA2 Datasheet HTML 3Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 4Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 5Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 6Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 7Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 8Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 9Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 10Page - Infineon Technologies AG TLE8104EXUMA2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLE8104E
Smart Quad Channel Powertrain Switch
Maximum Ratings and Operating Conditions
Data Sheet
7
V1.4, 2010-04-26
4
Maximum Ratings and Operating Conditions
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Note: The TLE8104E fulfils the AEC standard requirements for latch-up on all pins except on pin 14-FAULT and
on pin 15-SO
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.1.1
Supply Voltage
V
S
-0.3
7
V
–
4.1.2
Continuous Drain Source Voltage
(OUT1 to OUT4)
V
DS
-0.3
45
V
–
4.1.3
Input Voltage, All Inputs and Data
outputs, Sense Lines
V
IN
-0.3
7
V
–
4.1.4
Output Current per Channel2)
2) Output current rating as long as maximum junction temperature is not exceeded. The maximum output current in the
application has to be calculated using
R
thJA depending on mounting conditions.
I
D
0
3
A
Output ON
4.1.5
Maximum Voltage for short circuit
Protection (single event)3)
3) Device mounted on PCB (100 mm
× 100 mm × 1.5 mm epoxy, FR4); PCB in test chamber without blown air. All channels
have identical loads.
V
SC, single
–30
V
4.1.6
Electrostatic Discharge Voltage
(human body model) according to
EIA/JESD22-A114-E
V
ESD
-2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com