Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD823 Datasheet(PDF) 17 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD823_07 Datasheet HTML 12Page - Analog Devices AD823_07 Datasheet HTML 13Page - Analog Devices AD823_07 Datasheet HTML 14Page - Analog Devices AD823_07 Datasheet HTML 15Page - Analog Devices AD823_07 Datasheet HTML 16Page - Analog Devices AD823_07 Datasheet HTML 17Page - Analog Devices AD823_07 Datasheet HTML 18Page - Analog Devices AD823_07 Datasheet HTML 19Page - Analog Devices AD823_07 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD823
Rev. B | Page 17 of 20
Second-Order Low-Pass Filter
Figure 43 depicts the AD823 configured as a second-order
Butterworth low-pass filter. With the values as shown, the
corner frequency equals 200 kHz. Component selection is
shown in the following equations:
R1 = R2 = User Selected (Typical Values: 10 kΩ to 100 kΩ)
()
R1
f
.
farads
C1
cutoff ×
=
2π
414
1
R1
f
C2
cutoff ×
=
2π
707
.
0
1/2
AD823
C3
0.1µF
+5V
C4
0.1µF
VOUT
VIN
C1
28pF
–5V
C2
56pF
R1
20kΩ
R2
20kΩ
50pF
Figure 43. Second-Order Low-Pass Filter
A plot of the filter is shown in Figure 44; better than 50 dB of
high frequency rejection is provided.
FREQUENCY (Hz)
–40
1k
–50
–30
–60
0
–20
10k
100k
1M
10M
100M
–10
VDB – VOUT
Figure 44. Frequency Response of Filter
Single-Supply Half-Wave and Full-Wave Rectifiers
An AD823 configured as a unity-gain follower and operated
with a single supply can be used as a simple half-wave rectifier.
The AD823 inputs maintain picoamp level input currents even
when driven well below the minus supply. The rectifier puts
that behavior to good use, maintaining an input impedance of
over 1011 Ω for input voltages from within 1 V of the positive
supply to 20 V below the negative supply.
The full-wave and half-wave rectifier shown in Figure 45
operates as follows: when VIN is above ground, R1 is boot-
strapped through the unity-gain follower A1 and the loop of
Amplifier A2. This forces the inputs of A2 to be equal, thus no
current flows through R1 or R2, and the circuit output tracks
the input. When VIN is below ground, the output of A1 is forced
to ground. The noninverting input of Amplifier A2 sees the
ground level output of A1; therefore, A2 operates as a unity-
gain inverter. The output at Node C is then a full-wave rectified
version of the input. Node B is a buffered half-wave rectified
version of the input. Input voltage supply to ±18 V can be
rectified, depending on the voltage supply used.
3
2
1
8
4
0.01µF
VIN
+VS
1/2
AD823
HALF-WAVE
RECTIFIED OUTPUT
FULL-WAVE
RECTIFIED OUTPUT
A1
R2
100kΩ
R1
100kΩ
6
5
7
1/2
AD823
A2
A
B
C
A2
Figure 45. Full-Wave and Half-Wave Rectifier
100
A
B
C
2V
200µs
2V
10
0%
90
Figure 46. Single-Supply Half-Wave and Full-Wave Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com