Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6226 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 11Page - STMicroelectronics L6226 Datasheet HTML 12Page - STMicroelectronics L6226 Datasheet HTML 13Page - STMicroelectronics L6226 Datasheet HTML 14Page - STMicroelectronics L6226 Datasheet HTML 15Page - STMicroelectronics L6226 Datasheet HTML 16Page - STMicroelectronics L6226 Datasheet HTML 17Page - STMicroelectronics L6226 Datasheet HTML 18Page - STMicroelectronics L6226 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
L6226
To operate the device in parallel and maintain a lower over current threshold, Half Bridge 1 and the Half Bridge
2 of the Bridge A can be connected in parallel and the same done for the Bridge B as shown in Figure 14. In
this configuration, the peak current for each half bridge is still limited by the bond wires for the supply and sense
pins so the dissipation in the device will be reduced, but the peak current rating is not increased.
When connected in this configuration the over current detection circuit, senses the sum of the current in upper
devices connected in parallel. With the enables connected in parallel, an over current will turn of both bridges.
Since the circuit senses the total current in the upper devices, the over current threshold is equal to the threshold
set the resistor RCLA or RCLB in figure 14. RCLA sets the threshold when outputs OUT1A and OUT2A are high
and resistor RCLB sets the threshold when outputs OUT1B and OUT2B are high.
It is recommended to use RCLA = RCLB.
In this configuration, the resulting bridge has the following characteristics.
- Equivalent Device: FULL BRIDGE
- RDS(ON) 0.37Ω Typ. Value @ TJ = 25°C
- 1.4A max RMS Load Current
- 2.8A max OCD Threshold
Figure 14. Parallel connection with lower Overcurrent Threshold
CP
CBOOT
RP
D2
D1
C2
OUT1A
LOAD
OCDA
OCDB
1
5
21
18
19
8
16
OUT2A
GND
GND
GND
GND
PROGCLA
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
4
VSB
VCP
VBOOT
C1
SENSEA
20
INA
IN1A
IN2A
2
6
7
9
ENA
ENB
CEN
REN
EN
23
IN2B
12
IN1B
INB
11
14
24
17
3
15
22
SENSEB
RCLA
10
PROGCLB
13
RCLB
D02IN1361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com