Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1591TC Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1591TC
Description  Miscellaneous Hardware & Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1591TC Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1591TC Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1591TC Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1594BD5
5 sets
P.C. card guides for 1594B series
1594CZ25
25 sets
P.C. card guides for 1594C series
1594CD5
5 sets
P.C. card guides for 1594C series
1594DZ25
25 sets
P.C. card guides for 1594D series
1594DD5
5 sets
P.C. card guides for 1594D series
1594EZ25
25 sets
P.C. card guides for 1594E series
1594ED5
5 sets
P.C. card guides for 1594E series
Part Number
Qty per
pkg.
Replacement & Accessory Screws
Screw Size
1421J6
6
Self tapping for most metal case series
6-32 philips, nickel
plated
1551ATS100
100
Self tapping type for 1551 series
#2 x 3/16" nickel
plated
1590MS100
100
Machine type for 1590 (except L-R) series
6-32 x ½" nickel
plated
1590MS50BK
50
Black machine type for 1590 series
6-32 x ½"
1590MS50BU
50
Blue machine type for 1590 series
6-32 x ½"
1590MS50GY
50
Grey machine type for 1590 series
6-32 x ½"
1591MS100
100
Machine type for 1591 & 1598 series
M3 - 0.5 x 10mm
1591MS100BK
100
Machine type for 1591 & 1598 series (Black)
M3 - 0.5 x 10mm
1591TS100
100
Self tapping type for 1591 "S" series and 1551
series
#4 x 0.5" nickel plated
1591TS100BK
100
Black self tapping type for 1591 "S" series and
1551 series
#4 x 0.5"
1593MS100
100
Self tapping, oval head for 1593 series
#4 x 0.625" (15.9mm)
1594MS100
100
Machine type for 1594,1599B, and 1592 series
M3 - 0.5 x 18mm
1594TS100
100
Self tapping for 1594 & 1599ES "S" series
#4 x 25.4mm (1")
1594WMS100
100
Machine type for 1594 watertight series & 1599E
M3 - 0.5 x 25mm
1595MS100
100
Machine type for 1595 series
M3 - 0.5 x 8mm
1598ATS100
100
Screws for stand-off bosses in 1595, 1598 & 1599
series
#6 x 1/4" (6.4mm)
1598TS100
100
Self tapping for 1598 "S" series
#4 x 5/8"
1599BTS100
100
Self tapping for 1599BS "S" series
#4 x ¾"
1599HMS100
100
Machine type for 1599H series
M3 - 0.5 x 12mm
1599HTS100
100
Self tapping for 1599HS "S" series
#4 x 1"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com