Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160 Datasheet(PDF) 6 Page - Microchip Technology

Part # 25CS160
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 25CS160 Datasheet HTML 2Page - Microchip Technology 25CS160 Datasheet HTML 3Page - Microchip Technology 25CS160 Datasheet HTML 4Page - Microchip Technology 25CS160 Datasheet HTML 5Page - Microchip Technology 25CS160 Datasheet HTML 6Page - Microchip Technology 25CS160 Datasheet HTML 7Page - Microchip Technology 25CS160 Datasheet HTML 8Page - Microchip Technology 25CS160 Datasheet HTML 9Page - Microchip Technology 25CS160 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 6
25CS160
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VCC = 1.7V to 5.5V
Extended (E): TAMB = -40°C to +125°C VCC = 1.8V to 5.5V
Extended (H): TAMB = -40°C to +150°C VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock Frequency
—20
MHz
VCC ≥ 4.5V, TAMB ≤ +125°C
—10
MHz
VCC ≥ 2.5V
—5
MHz
VCC ≥ 1.7V
2TCSS
CS Setup Time
15
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
30
ns
VCC ≥ 2.5V
60
ns
VCC ≥ 1.7V
3TCSH
CS Hold Time
15
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
30
ns
VCC ≥ 2.5V
60
ns
VCC ≥ 1.7V
4TCSD
CS Disable Time
50
ns
5TSU
Data Setup Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
ns
VCC ≥ 2.5V
20
ns
VCC ≥ 1.7V
6THD
Data Hold Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
ns
VCC ≥ 2.5V
20
ns
VCC ≥ 1.7V
7TR
CLK Rise Time
2
µs
Note 1
8TF
CLK Fall Time
2
µs
Note 1
9THI
Clock High Time
20
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
40
ns
VCC ≥ 2.5V
80
ns
VCC ≥ 1.7V
10
TLO
Clock Low Time
20
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
40
ns
VCC ≥ 2.5V
80
ns
VCC ≥ 1.7V
11
TCLD
Clock Delay Time
50
ns
12
TCLE
Clock Enable Time
50
ns
13
TV
Output Valid from Clock
Low
—20
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
—40
ns
VCC ≥ 2.5V
—80
ns
VCC ≥ 1.7V
14
THO
Output Hold Time
0
ns
Note 1
15
TDIS
Output Disable Time
—20
ns
VCC ≥ 4.5V, TAMB ≤ 125°C (Note 1)
—40
ns
VCC ≥ 2.5V (Note 1)
—80
ns
VCC ≥ 1.7V (Note 1)
16
THS
HOLD Setup Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
ns
VCC ≥ 2.5V
20
ns
VCC ≥ 1.7V
Note 1: This parameter is not 100% tested but is ensured by characterization.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is
complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com