Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160-H/SN Datasheet(PDF) 26 Page - Microchip Technology

Part # 25CS160-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/SN Datasheet(HTML) 26 Page - Microchip Technology

Back Button 25CS160-H/SN Datasheet HTML 22Page - Microchip Technology 25CS160-H/SN Datasheet HTML 23Page - Microchip Technology 25CS160-H/SN Datasheet HTML 24Page - Microchip Technology 25CS160-H/SN Datasheet HTML 25Page - Microchip Technology 25CS160-H/SN Datasheet HTML 26Page - Microchip Technology 25CS160-H/SN Datasheet HTML 27Page - Microchip Technology 25CS160-H/SN Datasheet HTML 28Page - Microchip Technology 25CS160-H/SN Datasheet HTML 29Page - Microchip Technology 25CS160-H/SN Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 26
25CS160
9.0
SECURITY REGISTER
The Security register is segmented into one 32-byte
read-only page and one 32-byte user-programmable,
lockable ID page. The user-programmable, lockable ID
page supports both byte write and page write
sequences. The user-programmable, lockable ID page
may be permanently locked at any time with the LOCK
instruction. The Security register lock state can be
verified at any time with CHLK instruction.
9.1
Reading from the Security
Register
Reading the Security register contents from the
25CS160 follows a similar sequence to reading the
EEPROM, but a different opcode and specific address
data are required. To read the Security register, first
drive the CS low to select the device, then send the
RDEX (83h) instruction via the SI line, followed by the
16-bit address to be read.
Upon completion of the 16-bit address, any data on the
SI line will be ignored. The data (D7-D0) at the
specified address are then shifted out onto the SO line.
If only one byte is to be read, the CS line should be
driven high after the data are output. The read
sequence can be continued since the byte address is
automatically incremented, and data will continue to be
shifted out. When the highest address is reached
(003Fh), the address counter will roll over to the lowest
address (0000h), allowing the entire Security register to
be read in one continuous read cycle regardless of the
starting address.
FIGURE 9-1:
READ SECURITY REGISTER (
RDEX) SEQUENCE
TABLE 9-1:
SECURITY REGISTER ORGANIZATION
Security Register Byte Number
0
1
...
30
31
32
33
...
62
63
Factory-Programmed (Read-Only)
0-15: Device Serial Number
16-31: Reserved for Future Use
User-Programmable (Lockable)
Note:
Address bits A15 through A6 are “don't
care” bits, except for A10, which must be
a logic ‘0’.
CS
10 0 0 00 11
A A A
RDEX Opcode (83h)
XX XX X 0
SI
Data Byte 1
SO
MSb
MSb
MSb
MSb
High-Impedance
Note 1:
Address bit A10 must be logic ‘0’ to read the Security register.
D7
D5 D4 D3 D2 D1 D0
D6
D7 D6
SCK
1
0
234
567
9 10 11 12
32 33
31
30
29
28
27
26
24
23
22
21
8
25
Address Bits A15-A0(1)
10 0 0 00 11
A A A
XX XX X 0
SI
Data Byte 1
High-Impedance
D7
D5 D4 D3 D2 D1 D0
D6
D7 D6
Address Bits A15-A0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com