Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160-H/OT Datasheet(PDF) 30 Page - Microchip Technology

Part # 25CS160-H/OT
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/OT Datasheet(HTML) 30 Page - Microchip Technology

Back Button 25CS160-H/OT Datasheet HTML 26Page - Microchip Technology 25CS160-H/OT Datasheet HTML 27Page - Microchip Technology 25CS160-H/OT Datasheet HTML 28Page - Microchip Technology 25CS160-H/OT Datasheet HTML 29Page - Microchip Technology 25CS160-H/OT Datasheet HTML 30Page - Microchip Technology 25CS160-H/OT Datasheet HTML 31Page - Microchip Technology 25CS160-H/OT Datasheet HTML 32Page - Microchip Technology 25CS160-H/OT Datasheet HTML 33Page - Microchip Technology 25CS160-H/OT Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 30
25CS160
10.0 PROGRAMMABLE
UNDERVOLTAGE LOCKOUT
The 25CS160 is equipped with an undervoltage
lockout detection circuit, which looks for brown-out
events or device VCC power supply levels deemed too
low for a given application.
To prevent spurious application events that could
negatively affect the EEPROM contents of the device,
the 25CS160 employs a circuit that monitors the VCC
line voltage. Because the safe power supply voltage
level will vary by application, the threshold that defines
a brown-out event can be modified in the device from
the default level.
10.1
Undervoltage Lockout Detection
Register
The
25CS160
contains
a
nonvolatile,
8-bit
Undervoltage Lockout Detection (UVLO) register that
can be modified to change the undervoltage detection
threshold (VUVL). When the detector is enabled (bit 5
must be set to logic ‘1’), the device will sample the VCC
supply level upon the detection of the CS pin going
high (which starts the internal write cycle) and
compare it to VUVL. If VCC remains below VUVL for the
minimum UVLO detection time (TUVL) after the CS
goes high, the UVLO detection circuit will inhibit the
write operation. The WLS bit in the STATUS register
can be checked to determine if the previous write
sequence was inhibited. If the WLS bit is a logic ‘1’,
VCC was less than VUVL, and the previous write
sequence was inhibited. The WLS bit is only valid if
the UVLO function is enabled. See Section 6.0
“STATUS Register” for more details.
The instructions that will be inhibited include the
following:
• WRITE, WRSR, WREX, LOCK, WUVL
The UVLO register has one bit (UVLOEN) that
controls if the undervoltage detection function is
enabled. Five other bits (VUVL[4:0]) determine the
undervoltage threshold level. Refer to Table 1-1 for the
specific threshold levels.
The STATUS register contains a volatile bit called
Write Lockout State (WLS, byte 1, bit 2). In the event
that a write sequence to nonvolatile memory is inhib-
ited by the undervoltage lockout detector circuit, the
WLS bit will read out as a logic ‘1’.
The WLS bit will continue to read out a logic ‘1’ until
one of the following occurs:
• A Power-On Reset (POR) event occurs
(Section 1.1.1, Device Power-On Reset)
• A nonvolatile write opcode is sent to the device
(WRITE, WRSR, WREX, LOCK, WUVL)
• A Software Device Reset (SRST) instruction is
executed
The organization of the register is depicted below in
Register 10-1.
Note:
If the STATUS register is read during the
UVLO detection time (TUVL), the device
will report a busy state, indicated by
RDY/BSY = 1. If the write is inhibited due
to the UVLO, the RDY/BSY bit will clear,
and the WLS bit will be set.
Note:
Setting the undervoltage detection thresh-
old (VUVL) above VCC will cause all write
sequences to be ignored. VCC must be
above VUVL to reprogram the VUVL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com