Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160T-H/SN Datasheet(PDF) 5 Page - Microchip Technology

Part # 25CS160T-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160T-H/SN Datasheet(HTML) 5 Page - Microchip Technology

  25CS160T-H/SN Datasheet HTML 1Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 2Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 3Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 4Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 5Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 6Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 7Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 8Page - Microchip Technology 25CS160T-H/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 5
25CS160
D011
VUVL
Undervoltage Lockout
Level (Note 1)
1.4
1.5
1.6
V
VUVL[4:0] = 00000
1.5
1.6
1.7
V
VUVL[4:0] = 00001
1.6
1.7
1.8
V
VUVL[4:0] = 00010
1.7
1.8
1.9
V
VUVL[4:0] = 00011
1.8
1.9
2.0
V
VUVL[4:0] = 00100
1.9
2.0
2.1
V
VUVL[4:0] = 00101
2.0
2.1
2.2
V
VUVL[4:0] = 00110
2.1
2.2
2.3
V
VUVL[4:0] = 00111
2.2
2.3
2.4
V
VUVL[4:0] = 01000
2.3
2.4
2.5
V
VUVL[4:0] = 01001
2.4
2.5
2.6
V
VUVL[4:0] = 01010
2.5
2.6
2.7
V
VUVL[4:0] = 01011
2.5
2.7
2.9
V
VUVL[4:0] = 01100
2.6
2.8
3.0
V
VUVL[4:0] = 01101
2.7
2.9
3.1
V
VUVL[4:0] = 01110
2.8
3.0
3.2
V
VUVL[4:0] = 01111
2.9
3.1
3.3
V
VUVL[4:0] = 10000
3.0
3.2
3.4
V
VUVL[4:0] = 10001
3.1
3.3
3.5
V
VUVL[4:0] = 10010
3.2
3.4
3.6
V
VUVL[4:0] = 10011
3.3
3.5
3.7
V
VUVL[4:0] = 10100
3.4
3.6
3.8
V
VUVL[4:0] = 10101
3.5
3.7
3.9
V
VUVL[4:0] = 10110
3.6
3.8
4.0
V
VUVL[4:0] = 10111
3.7
3.9
4.1
V
VUVL[4:0] = 11000
3.8
4.0
4.2
V
VUVL[4:0] = 11001
3.9
4.1
4.3
V
VUVL[4:0] = 11010
4.0
4.2
4.4
V
VUVL[4:0] = 11011
4.1
4.3
4.5
V
VUVL[4:0] = 11100
4.2
4.4
4.6
V
VUVL[4:0] = 11101
4.3
4.5
4.7
V
VUVL[4:0] = 11110
4.4
4.6
4.8
V
VUVL[4:0] = 11111
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VCC = 1.7V to 5.5V
Extended (E): TAMB = -40°C to +125°C VCC = 1.8V to 5.5V
Extended (H): TAMB = -40°C to +150°C VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Test Conditions
Note 1:
This parameter is not 100% tested but is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com