Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8024AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD8024AR
Description  Quad 350 MHz 24 V Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8024AR Datasheet HTML 2Page - Analog Devices AD8024AR Datasheet HTML 3Page - Analog Devices AD8024AR Datasheet HTML 4Page - Analog Devices AD8024AR Datasheet HTML 5Page - Analog Devices AD8024AR Datasheet HTML 6Page - Analog Devices AD8024AR Datasheet HTML 7Page - Analog Devices AD8024AR Datasheet HTML 8Page - Analog Devices AD8024AR Datasheet HTML 9Page - Analog Devices AD8024AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8024
–6–
REV. C
FREQUENCY – MHz
–30
–50
–70
–90
1
10
100
–40
–60
–80
G = 2
VS = 7.5V
VO = 2V p-p
2ND
3RD
TPC 13. Harmonic Distortion vs. Frequency, RL = 150
Ω
FREQUENCY – MHz
1
0
70
10
100
20
30
40
50
60
VS = 7.5V
VS = 2.5V
10
80
TPC 14. Crosstalk vs. Frequency, G = +2, RL = 150
Ω
OUTPUT VOLTAGE STEP – V p-p
1200
1
1000
800
600
200
0
23
4
6
05
400
G = –1
G = +10
G = +2
G = +1
VS = 7.5V
RL = 150
TPC 15. Slew Rate vs. Output Step Size
SUPPLY VOLTAGE –
V
1500
1000
0
2
500
G = +10
2000
2500
3000
RL = 150
G = +2
G = –1
46
8
10
12
G = +1
TPC 16. Maximum Slew Rate vs. Supply Voltage
FREQUENCY – MHz
–9
1
10
100
1000
VS = 7.5V
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
GAIN
–270
–180
–90
0
90
180
PHASE
VS = 12V
TPC 17. Closed-Loop Gain and Phase vs. Frequency,
G = +1, RL = 150
Ω
FREQUENCY – MHz
–9
1
10
100
1000
VS = 7.5V
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VS = 2.5V
–270
–180
–90
0
90
180
–10
–11
–12
GAIN
PHASE
TPC 18. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com