Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FWP218-30A-R002D Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FWP218-30A-R002D
Description  Riedon™ Precision Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP218-30A-R002D Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FWP218-30A-R002D Datasheet HTML 1Page - Bourns Electronic Solutions FWP218-30A-R002D Datasheet HTML 2Page - Bourns Electronic Solutions FWP218-30A-R002D Datasheet HTML 3Page - Bourns Electronic Solutions FWP218-30A-R002D Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FWP218 – Riedon™ Precision Power Resistors by Bourns
FWP218-30
10
R0
1%
Features
n
Formerly a Riedon™ product
n
Resistances from 0.002 to 20 Ω
n
Resistance tolerances to ±0.25 %
n
TCR to ±30 PPM/°C
n
Power rating to 30 watts
n
TO-247 housing
n
Non-inductive planar construction
n
Load stability to 0.1 %
n
RoHS compliant*
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Specifications
Bourns Model
FWP218
Resistance Range (Ω)
0.002 to 20
21 to 50
Power Rating – Free Air 70 °C (W)
2
Power Rating – with Heat Sink (W)
30
15
Tolerances
from 0.002 Ω
from 0.01 Ω
from 0.02 Ω
1 % / 2 % / 5 %
0.5 % / 1 % / 2 % / 5 %
0.25 % (0.02 to 20) / 0.5 % / 1 % / 2 % / 5 %
Thermal Resistance (°C/W)
2.5
Stability (1000 h)
0.1 % / 0.2 % / 0.5 %
(depends on stress)
Temperature Coefficient
R ≤ 0.01 Ω
R ≤ 0.05 Ω
R ≤ 0.5 Ω
R > 0.5 Ω
±300 PPM/°C
±100 PPM/°C
±50 PPM/°C
±30 PPM/°C
±50 PPM/°C
Voltage Proof (VDC)
300
Thermal EMF
< 0.1 μV/°C
Operating Temperature Range
-40 to +130 °C
Resistor Material
CuNiMn-Foil
Substrate
Anodized Aluminium
Housing
PPS
Connector Material
Cu / Tinned
Terminals
2
Maximum Torque
1 Nm
How To Order
FWP 218 - 15 A - 10R0 F
Model
Size
Power Rating
15 = 15 W
30 = 30 W
Contact
A
B
C
Resistance (Ω)
“R” represents decimal point
(example: R002 = 0.002 Ω, 20R0 = 20 Ω)
“L” represents mΩ for resistance
(example: 3L20 = 0.0032 Ω,
6L80 = 0.0068 Ω
Tolerance (%)
C = ±0.25
G = ±2
D = ±0.5
J = ±5
F = ±1
Packaging Information
Tube ............................................ 25 pcs.
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc., including its logo and trademarks and the right to continue to manufacture
former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com


Similar Part No. - FWP218-30A-R002D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWP220 BOURNS-FWP220 Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-B BOURNS-FWP220S2-10R0-B Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-C BOURNS-FWP220S2-10R0-C Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-D BOURNS-FWP220S2-10R0-D Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
FWP220S2-10R0-F BOURNS-FWP220S2-10R0-F Datasheet
947Kb / 7P
Riedon™ Precision Power Foil Shunt Resistors by Bourns
11/25
More results

Similar Description - FWP218-30A-R002D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FHR4-8065 RIEDON-FHR4-8065 Datasheet
387Kb / 5P
Precision Power Shunt Resistors
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
Precision Power Shunt Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
SMD High Power Precision Resistors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
SMD High Power Precision Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220_14 Datasheet
622Kb / 5P
Precision Power Shunt Resistors
FPR2B-0R05F2 RIEDON-FPR2B-0R05F2 Datasheet
622Kb / 5P
Precision Power Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com